Electronic Components Datasheet Search
  English  ▼

X  

LTC3589 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3589
Description  8-Output Regulator with Sequencing and I2C
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 4 Page - Linear Technology

  LTC3589 Datasheet HTML 1Page - Linear Technology LTC3589 Datasheet HTML 2Page - Linear Technology LTC3589 Datasheet HTML 3Page - Linear Technology LTC3589 Datasheet HTML 4Page - Linear Technology LTC3589 Datasheet HTML 5Page - Linear Technology LTC3589 Datasheet HTML 6Page - Linear Technology LTC3589 Datasheet HTML 7Page - Linear Technology LTC3589 Datasheet HTML 8Page - Linear Technology LTC3589 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
LTC3589
4
3589p
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Operating Input Supply Voltage, VIN
l
2.7
5.5
V
IVINLDO1
VIN Quiescent Current
All Enables = 0V
l
10
17
μA
fOSC
Oscillator Frequency
l
1.9
2.25
2.6
MHz
Step Down Switching Regulators 1, 2, and 3
IVIN
Pulse-Skipping Mode VIN Quiescent Current
Per Buck
Burst Mode® VIN Quiescent Current Per Buck
VFB = 0.85V (Note 5)
l
l
135
27
TBD
40
μA
μA
IFB
Feedback Pin Input Current
VFB = 0.8V
–0.1
0.1
μA
DX
Maximum Duty Cycle
VFB = 0V
100
%
RSW
SW Pull-Down Resistance
Regulators Disabled
2000
Ω
tSS
Soft-Start Rate
(Note 6)
2
V/ms
VFB(MAX)
Maximum Feedback Voltage
BxDTV1 = BxDTV2 = 11111,
VIN = 2.7V to 5.5V
l
0.735
0.75
0.765
V
VFB(LSB)
Feedback LSB Step Size
12.5
mV
VFB(MIN)
Minimum Feedback Voltage
BxDTV1 = BxDTV2 = 00000,
VIN = 2.7V to 5.5V
l
0.351
0.3625
0.374
V
1.6A Step Down Switching Regulator 1 (Buck 1)
ILIM1
Peak PMOS Current Limit SW1
l
2.2
2.7
A
RP1
RDS(ON) of PMOS1
ISW1 = 100mA
180
mΩ
RN1
RDS(ON) of NMOS1
ISW1 = 100mA
110
mΩ
1.0A Step Down Switching Regulators 2 and 3
ILIM2, 3
Peak PMOS Current Limit SW2
l
1.5
1.9
A
RP2, 3
RDS(ON) of PMOS3
250
mΩ
RN2, 3
RDS(ON) of NMOS3
130
mΩ
1.2A Buck-Boost Switching Regulator 4 (Buck-Boost)
IVIN
PWM Mode VIN Quiescent Current
Burst Mode VIN Quiescent Current
VBB_FB = 0.85V
l
l
130
19
μA
μA
VBB_FB
Feedback Voltage
VIN = 2.7V to 5.5V, VOUT = 5.5V
l
0.776
0.8
0.824
V
VOUTBB
Output Voltage Range
1.8
5.0
V
ILIM4
Peak PMOS Current Limit SW4AB
l
2.5
2.7
A
IPEAK4
Forward Burst Current Limit (Switch A)
Burst Mode Operation
500
mA
ILIMR4
Reverse Current Limit (Switch D)
800
mA
IZERO4
Reverse Burst Current Limit (Switch D)
Burst Mode Operation
0
mA
RP4
RDS(ON) of Switch A and Switch D
ISW4AB = ISW4CD = 100mA
160
mΩ
RN4
RDS(ON) of Switch B and Switch C
ISW4AB = ISW4CD = –100mA
110
mΩ
ROUT4
BB_OUT Pull-Down Resistance
Regulator Disabled
2000
Ω
tSS
Soft-Start Rate
(Note 6)
2
V/ms
IFB
Feedback Pin Input Current
VFB = 0.85V
–0.1
0.1
μA
The
l denotes the specifications which apply over the full operating junction
temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = PVIN1 = PVIN2 = PVIN3 = PVIN4 = VIN_LDO2 = VIN_LDO34
= DVDD = 3.8V. All regulators disabled unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com