Electronic Components Datasheet Search
  English  ▼

X  

LTC3589 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3589
Description  8-Output Regulator with Sequencing and I2C
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 4Page - Linear Technology LTC3589 Datasheet HTML 5Page - Linear Technology LTC3589 Datasheet HTML 6Page - Linear Technology LTC3589 Datasheet HTML 7Page - Linear Technology LTC3589 Datasheet HTML 8Page - Linear Technology LTC3589 Datasheet HTML 9Page - Linear Technology LTC3589 Datasheet HTML 10Page - Linear Technology LTC3589 Datasheet HTML 11Page - Linear Technology LTC3589 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
LTC3589
8
3589p
Note 1: Stresses beyond those listed Under Absolute Maximum ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3589 is tested under pulsed load conditions such that TJ ≈ TA.
The LTC3589E is guaranteed to meet specifications from 0°C to 85°C
junction temperature. Specifications over the –40°C to 125°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls. The LTC3589I is guaranteed
over the –40°C to 125°C operating junction temperature range and the
LTC3589H is guaranteed over the full –40°C to 150°C operating junction
temperature range. High junction temperatures degrade operating
lifetimes; operating lifetime is derated for junction temperatures greater
than 125°C. The junction temperature (TJ in °C) is calculated from the
ambient temperature (TA in °C) and power dissipation (PD, in Watts)
according to the formula:
TJ = TA + (PD • θJA), where the package junction to ambient thermal
impedance θJA = 34°C/W.
Note that the maximum ambient temperature consistent with these
specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal impedance and
other environmental factors.
Note 3: The LTC3589 includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 150°C when overtemperature protection is active.
Continuous operation above the specified maximum operating temperature
may impair device reliability.
Note 4: Dropout voltage is defined as (VIN – VLDO) for LDO1 or
(VIN_LDO – VLDO) for other LDOs when VLDO is 3% lower than VLDO
measured with VIN = VIN_LDO = 4.3V.
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.
Note 6: Soft-Start measured in test mode with regulator error amplifier in
unity gain mode.
ELECTRICAL CHARACTERISTICS
TYPICAL PERFORMANCE CHARACTERISTICS
Standby IVIN vs VIN
LDO2 to LDO4 IDD IVIN vs VIN
TA = 25°C, unless otherwise noted.
Step-Down Switching Regulator
IDD vs VIN
Input Supply Current vs
Temperature
Buck-Boost IDD vs VIN
Step-Down Switching Regulator
IDD vs VIN
VOLTAGE (V)
2.5
14
4.0
22554 G01
8
4
3.0
3.5
4.5
2
0
12
10
6
5.0
5.5
ALL REGULATORS DISABLED
VOLTAGE (V)
2.5
4.0
3589 G02
150
50
3.0
3.5
4.5
0
250
200
100
5.0
5.5
ENABLE TWO LDOs
ENABLE ONE LDO
ENABLE THREE LDOs
VOLTAGE (V)
2.5
4.0
3589 G03
400
500
600
200
100
3.0
3.5
4.5
0
900
800
700
300
5.0
5.5
ENABLE TWO BUCKS
ENABLE ONE BUCK
ENABLE THREE BUCKS
PULSE-SKIPPING MODE
VOLTAGE (V)
2.5
4.0
3589 G04
80
100
120
40
20
3.0
3.5
4.5
0
60
5.0
5.5
ENABLE TWO BUCKS
ENABLE ONE BUCK
ENABLE THREE BUCKS
Burst Mode OPERATION
TEMPERATURE (°C)
–50
50
25
3589 G05
800
1000
1200
400
200
–25
0
75
0
600
100 125
150
ALL REGULATORS ENABLED
Burst Mode OPERATION
STANDBY (ONLY LDO1 ON)
ALL REGULATORS ENABLED
PULSE-SKIPPING MODE
VOLTAGE (V)
2.5
4.5
4.0
3589 G06
350
400
450
150
200
50
100
3.0
3.5
5.0
0
300
250
5.5
Burst Mode OPERATION
FORCED
CONTINUOUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com