Electronic Components Datasheet Search
  English  ▼

X  

LTC3589 Datasheet(PDF) 42 Page - Linear Technology

Part # LTC3589
Description  8-Output Regulator with Sequencing and I2C
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 42 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 36Page - Linear Technology LTC3589 Datasheet HTML 37Page - Linear Technology LTC3589 Datasheet HTML 38Page - Linear Technology LTC3589 Datasheet HTML 39Page - Linear Technology LTC3589 Datasheet HTML 40Page - Linear Technology LTC3589 Datasheet HTML 41Page - Linear Technology LTC3589 Datasheet HTML 42Page - Linear Technology LTC3589 Datasheet HTML 43Page - Linear Technology LTC3589 Datasheet HTML 44Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
LTC3589
42
3589p
TYPICAL APPLICATION
VIN
VIN
PVIN1
37
6
7
39
24
25
33
27
26
34
15
16
40
12
19
1
2
38
5
3
4
32
31
30
28
23
22
29
17
8
SW1
768K
10pF
22μF
604K
LDO1_STDBY
LDO1_FB
EN1
EN2
EN3
EN4
EN_LDO2
EN_LDO34
ON
LTC3589
GND
BUCK1_FB
PVIN2
SW2
PVIN3
PVIN4
BUCK2_FB
36
VRTC
1.2V
25mA
35
11
10
13
14
9
18
20
21
511k
1.02M
SW3
SW4AB
SW4CD
VIN_LDO2
LDO2_FB
VIN_LDO34
LDO2
LDO3
LDO4
1μF
BUCK3_FB
BB_OUT
BB_FB
41
GND
PWR_ON
WAKE
VSRAM
VCORE
10k
9.09k
9.09k
18.2k
PWR_ON
DVDD
SDA
SCL
VSTB
WAKE
PBSTAT
PGOOD
IRQ
RST0
I2C2_SDA
I2C2_SCL
PMIC_VSTBY_REQ
GPIO
GPIO
PMIC_RDY
GPIO1/IRQ
POR_B
3589 TA02
NVCC_IPU
VDD_TVSUPPLY
AHVDDRGB
NVCC_DAC
VDDA
VDD_DIG_PLL_A&B
VDD_TVDIG
VDD_AVA_PLL_A&B
VDDA33
VDDGP
VDD_FUSE
NVCC__EMI
NVCC_PER13,14
VCC(CORE)
NVCC_SRTC_PDW
FASTR_ANA
FASTR_DIG
NVCC_EMI_DRAM
NVCC_CNTL_EMI
NVCC_PER2,3,4,6,8,9
NVCC_EMI(NAND+EMI)
NVCC_TV_BACK
NVCC_USBPHY
NVCC_OSC
GPIO
PWR_ON
10μF
1μH
1.5μH
1.5μH
10μF
10μF
10μF
10μF
22μF
422K
10pF
22μF
VSRAM/DDR
1.8V
1A
VSOC
0.676V to 1.4V
1A
VIO
3.3V
1.2A
VANALOG
1.8V
250mA
VAUX
2.8V
250mA
VMEMORY
0.647V TO 1.34V
250mA
VCORE
0.647V TO 1.34V
1.6A
715K
787K
10pF
22μF
681K
316k
22μF
1μF
2.7μH
1M
4.7pF
768k
604k
1μF
1μF
1μF
1μF
FREESCALE
i.MX51
10k
10k
VSOC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com