Electronic Components Datasheet Search
  English  ▼

X  

LTC3589 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC3589
Description  8-Output Regulator with Sequencing and I2C
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 25Page - Linear Technology LTC3589 Datasheet HTML 26Page - Linear Technology LTC3589 Datasheet HTML 27Page - Linear Technology LTC3589 Datasheet HTML 28Page - Linear Technology LTC3589 Datasheet HTML 29Page - Linear Technology LTC3589 Datasheet HTML 30Page - Linear Technology LTC3589 Datasheet HTML 31Page - Linear Technology LTC3589 Datasheet HTML 32Page - Linear Technology LTC3589 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
LTC3589
29
3589p
regulator outputs to discharge. If the PWR_ON pin is LOW
at the end of the power-down time, the LTC3589 will remain
in sleep mode with just the always-active LDO operating.
If PWR_ON is HIGH at the end of one second and the fault
condition has cleared, the LTC3589 will power-up in the
same way shown in Figure 8. Neither IRQ nor the status
registers are cleared by the fault induced shutdown.
OPERATION
ENABLE AND POWER-ON SEQUENCING
Enable Input Pin Operation
The regulator enable input pins facilitate pin-strapping an
output rail to the enable pin of the next regulator in the
desired sequence. The regulator enable inputs normally
have a 0.8V (typical) input threshold. If any enable is driven
HIGH, the remaining enable input thresholds switch to a
more accurate 500mV (typical) threshold.
Figure 11 shows an application circuit for a typical pin-
strapped start-up sequence. Holding ON LOW for 400ms
Figure 11. Pin Strap Start-Up Sequence Application Circuit
3589 F11
EN1
EN2
EN3
EN4
EN_LDO2
EN_LDO34
ON
PWR_ON
LTC3589
PWR_ON
WAKE
SW1
SW2
SW3
BB_OUT
LDO2
LDO3
LDO4
1V TO 1.2V
1.8V
0.8V TO 1V
3.3V
1.2V
1.8V
2.8V
V1
V3
V2
V4
LDO2
LDO3
LDO4
3589 F12
WAKE
1.8V
2.8V
1.2V
3.3V
0.5V
0.5V
1.8V
1V
1.2V
200μs
200μs
200μs
Figure 12. Pin Strap Sequencing Timing
ON(PB)
PBSTAT
FAULT
WAKE
PWR_ON
CLIRQ
IRQ
3589 F10
μC/μP CONTROL
<1 SEC
Figure 10. Hard Reset Due to a Fault Condition
brings up the WAKE pin that is tied to EN1 and EN3 to
enable step-down switching regulators 1 and 3. The output
of regulator 1 is tied to EN2 and EN4 that enables step-
down switching regulator 2 and the buck-boost switching
regulator 4. The output of step-down switching regulator 2
is tied to EN_LDO2 and EN_LDO3 to enable LDO2, LDO3
and LDO4. Within five seconds of WAKE going HIGH, the
microprocessor or microcontroller must drive PWR_ON
HIGH to tell LTC3589 that rails are good and to stay in the
power-on state.
Figure 12 shows the start-up timing for the application
shown in Figure 11. There is a 200μs (typical) delay
between the enable pin and the internal enable signal to
each regulator.
Keep-Alive Operation
For systems which require an active supply rail when in
system standby, any of the three LTC3589 step-down
switching regulators or LDO2 may be kept alive regard-
less of the status of PWR_ON and WAKE. Writing a 1 to
a regulator’s keep-alive bit in its dynamic target voltage
register will keep a regulator alive when the LTC3589 is
in standby mode. A regulator with its keep-alive bit set
will stay enabled until the bit is reset writing the bit LOW,
resetting the LTC3589 with a push button hard reset, or
a fault condition (UVLO, PGOOD time out, or thermal
shutdown) occurs. PGOOD and fault status are reported
in the IRQSTAT and PGSTAT registers and on the IRQ and
PGOOD pins for keep-alive regulators when PWR_ON and
WAKE are LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com