Electronic Components Datasheet Search
  English  ▼

X  

LTC3589 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC3589
Description  8-Output Regulator with Sequencing and I2C
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 23Page - Linear Technology LTC3589 Datasheet HTML 24Page - Linear Technology LTC3589 Datasheet HTML 25Page - Linear Technology LTC3589 Datasheet HTML 26Page - Linear Technology LTC3589 Datasheet HTML 27Page - Linear Technology LTC3589 Datasheet HTML 28Page - Linear Technology LTC3589 Datasheet HTML 29Page - Linear Technology LTC3589 Datasheet HTML 30Page - Linear Technology LTC3589 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
LTC3589
27
3589p
is activated by the PWR_ON pin. When the controller enters
the PUP state the open drain WAKE pin releases HIGH.
The WAKE pin is typically used to enable the first regulator
in a start-up sequence. The pushbutton state will stay in
PUP for five seconds before transitioning to the power-on
(PON) state. Before leaving PUP, the PWR_ON pin must be
brought HIGH by the application to indicate that the system
rails are correct. If PWR_ON is not active at the end of five
seconds the pushbutton controller will continue directly
through PON to the power-down (PDN) state and pull the
WAKE pin down. Three events will cause the pushbutton
to leave the PON state: 1) lowering the PWR_ON pin, 2)
forcing a hard reset by holding the ON pin LOW for five
seconds, and 3) a fault condition is detected. Fault condi-
tions are low VIN, device over temperature, or extended
undervoltage of one of the regulator outputs. All regulator
enables, the ON input, and PWR_ON signals are inhibited
for one second while in the PDN state. After one second
in PDN the pushbutton controller returns to POFF.
Figure 5. Pushbutton Controller State Diagram
1 SEC
POR
3589 F05
5 SEC
PB400ms OR
PWR_ON
FAULT OR
PWR_ON
PUP
PON
POFF
PDN
Table 13 shows command register and feedback divider
settings to enable slewing step-down switching regulator 1
between 1.2V and 1V in 70μs. The voltage ramp rate
control register bits VRRCR[1:0] are set to 10 which
selects a ramp rate of 1.75mV/μs at the DAC output.
The slew rate at the regulator output is a function of the
feedback resistor divider gain. In this example, the slew
is equal to 1.75 • (1 + 301/499) = 2.8mV/μs. Therefore, a
slew of 200mV will take 70μs. To initiate a change from
1.2V to 1V write 11 to voltage change control register bits
VCCR[1:0]. VCCR[1] selects target register B1DTV2 to
set the regulator reference input to 0.625V. VCCR[0] set
to 1 initiates the dynamic slew to go to the new voltage.
To slew back to 1.2V write 01 to command register bits
VCCR[1:0].
Table 13. Dynamic Slewing Example for Step-Down Switching
Regulator 1
COMMAND
REGISTER
VOUT =1.2V
VOUT =1V
VRRCR[1:0]
01
01
Dynamic Slew Rate
VCCR[1]
01
Select DTV
B1DTV1[4:0]
11111
11111
Resistor Divider Shown
in Figure 3
R1 = 301kΩ
R2 = 499kΩ
B1DTV2[4:0]
10101
10101
PUSHBUTTON OPERATION
State Event Diagram
Figure 5 shows the LTC3589 pushbutton state diagram.
Upon first power application to VIN an internal power-on
reset circuit puts the pushbutton into power-down (PDN)
state and initiates a one second timer. Status pin RSTO is
pulled LOW until one second is timed out and the always-
alive LDO1 has indicated power good status. After the one
second interval the pushbutton circuit will transition to the
power-off (POFF) state. The pushbutton will not leave the
POFF state and enter the power-up state (PUP) until ON is
held LOW for at least 400ms (PB400ms) or until PWR_ON
OPERATION
PBSTAT Operation
PBSTAT goes LOW 50ms after the initial pushbutton ap-
plication (ON LOW) and will stay LOW for a minimum of
50ms. PBSTAT will go HIGH coincident with ON going
HIGH unless ON goes HIGH before the 50ms minimum
on-time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com