Electronic Components Datasheet Search
  English  ▼

X  

LTC3589 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3589
Description  8-Output Regulator with Sequencing and I2C
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 5Page - Linear Technology LTC3589 Datasheet HTML 6Page - Linear Technology LTC3589 Datasheet HTML 7Page - Linear Technology LTC3589 Datasheet HTML 8Page - Linear Technology LTC3589 Datasheet HTML 9Page - Linear Technology LTC3589 Datasheet HTML 10Page - Linear Technology LTC3589 Datasheet HTML 11Page - Linear Technology LTC3589 Datasheet HTML 12Page - Linear Technology LTC3589 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
LTC3589
9
3589p
TYPICAL PERFORMANCE CHARACTERISTICS
Oscillator Frequency vs
Temperature
Switching Frequency Change vs VIN
Buck-Boost Efficiency vs IOUT
Buck-Boost Efficiency vs IOUT
Step-Down Switching Regulator 1
Efficiency vs IOUT
Step-Down Switching Regulator 2
Efficiency vs IOUT
TA = 25°C, unless otherwise noted.
Step-Down Switching Regulator 3
Efficiency vs IOUT
Buck-Boost RDS(ON) vs Temperature
Step-Down Switching Regulator
RDS(ON) vs Temperature
TEMPERATURE (°C)
–50
70
3589 G07
2.20
2.25
2.30
2.10
2.15
2.00
2.05
–10
30
110
1.95
150
VOLTAGE (V)
2.5
4.0
3589 G08
0.6
0.8
1.0
–0.2
0
0.2
0.4
–0.6
–0.4
3.0
3.5
4.5
–0.8
5.5
5.0
LOAD CURRENT (mA)
0
50
40
30
60
70
100
0.01
0.1
1
10
100
1000
3589 G9
20
10
80
90
BURST
FORCED
CONTINUOUS
VOUT = 5.0V
VOUT = 2.5V
VOUT = 3.3V
VIN = 3.8V
LOAD CURRENT (mA)
0
50
40
30
60
70
100
0.01
0.1
1
10
100
1000
3589 G10
20
10
80
90
BURST
FORCED
CONTINUOUS
VIN = 5.0V
VIN = 4.2V
VIN = 3.0V
VOUT = 3.3V
LOAD CURRENT (mA)
0
50
40
30
60
70
100
0.01
0.1
1
10
100
1000
3589 G12
20
10
80
90
FORCED
CONTINUOUS
PULSE-SKIPPING
BURST
VOUT = 1.8V
LOAD CURRENT (mA)
0
50
40
30
60
70
100
0.01
0.1
1
10
100
1000
3589 G13
20
10
80
90
FORCED
CONTINUOUS
PULSE-
SKIPPING
BURST
VOUT = 1.2V
TEMPERATURE (°C)
–50
70
3589 G14
0.35
0.40
0.15
0.20
0.25
0.30
0.05
0.10
–10
30
0
150
110
BUCK2 PMOS
BUCK1 PMOS
BUCK2 NMOS
BUCK1 NMOS
TEMPERATURE (°C)
–50
70
3589 G15
0.15
0.20
0.25
0.05
0.10
–10
30
0
150
110
PMOS
NMOS
LOAD CURRENT (mA)
0
50
40
30
60
70
100
0.01
0.1
1
10
100
1000
3589 G11
20
10
80
90
PULSE-SKIPPING
FORCED
CONTINUOUS
VOUT = 1.2V
BURST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com