| Electronic Components Datasheet Search |
|
56F8014 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8014 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc |
|
22 / 124 page ![]() 56F8014 Technical Data, Rev. 11 22 Freescale Semiconductor GPIOB2 (MISO) (T25) 18 Input/ Output Input/ Output Input/ Output Input with internal pull-up enabled Port B GPIO — This GPIO pin can be individually programmed as an input or output pin. SPI Master In/Slave Out — This serial data pin is an input to a master device and an output from a slave device. The MISO line of a slave device is placed in the high-impedance state if the slave device is not selected. The slave device places data on the MISO line a half-cycle before the clock edge the master device uses to latch the data. T2 — Timer, Channel 2 After reset, the default state is GPIOB2. The alternative peripheral functionality is controlled via the SIM. See Section 6.3.8. 5. This signal is also brought out on the GPIOA4 pin. GPIOB3 (MOSI) (T36) 17 Input/ Output Input/ Output Input/ Output Input with internal pull-up enabled Port B GPIO — This GPIO pin can be individually programmed as an input or output pin. SPI Master Out/Slave In— This serial data pin is an output from a master device and an input to a slave device. The master device places data on the MOSI line a half-cycle before the clock edge the slave device uses to latch the data. T3 — Timer, Channel 3 After reset, the default state is GPIOB3. The alternative peripheral functionality is controlled via the SIM. See Section 6.3.8. 6. This signal is also brought out on the GPIOA5 pin. GPIOA0 (PWM0) 28 Input/ Output Output Input with internal pull-up enabled Port A GPIO — This GPIO pin can be individually programmed as an input or output pin. PWM0 — This is one of the six PWM output pins. After reset, the default state is GPIOA0. Return to Table 2-2 Table 2-3 56F8014 Signal and Package Information for the 32-Pin LQFP (Continued) Signal Name LQFP Pin No. Type State During Reset Signal Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |