| Electronic Components Datasheet Search |
|
56F8014 Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8014 Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc |
|
62 / 124 page ![]() 56F8014 Technical Data, Rev. 11 62 Freescale Semiconductor • SW Interrupt 0 • SW Interrupt LP These interrupts are enabled at their fixed priority levels. Part 6 System Integration Module (SIM) 6.1 Introduction The SIM module is a system catchall for the glue logic that ties together the system-on-chip. It controls distribution of resets and clocks and provides a number of control features. The System Integration Module is responsible for the following functions: • Reset sequencing • Clock control & distribution • Stop/Wait control • System status registers • Registers for software access to the JTAG ID of the chip • Test registers • Power control • I/O pad multiplexing These are discussed in more detail in the sections that follow. 6.2 Features The SIM has the following features: • Reset sequencing — Core and Peripheral Clock control & distribution — Stop/Wait mode control — System status — Power control — Control I/O multiplexing • System bus clocks with pipeline hold-off support • System clocks for non-pipelined interfaces • Peripheral clocks for Quad Timer and PWM with high-speed (3X) option • Power-saving clock gating for peripherals • Three power modes (Run, Wait, Stop) to control power utilization — Stop mode shuts down the 56800E core, system clock, and peripheral clock — Wait mode shuts down the 56800E core and unnecessary system clock operation — Run mode supports full part operation • Controls, with write protection, the enable/disable of 56800E core WAIT and STOP instructions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |