Electronic Components Datasheet Search
  English  ▼

X  

56F8014 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 25Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 26Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 27Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 28Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 124 page
background image
Pin Descriptions
56F8014 Technical Data, Rev. 11
Freescale Semiconductor
29
3.5 Pin Descriptions
3.5.1
External Reference (GPIOB6 / RXD / SDA / CLKIN)
After reset, the internal relaxation oscillator is selected as the clock source for the chip. The user then has
the option of switching to an external clock reference by enabling the PRECS bit in the OCCS Oscillator
Control register, if desired.
Part 4 Memory Map
4.1 Introduction
The 56F8014 device is a 16-bit motor-control chip based on the 56800E core. It uses a Harvard-style
architecture with two independent memory spaces for Data and Program. On-chip RAM is used in both
spaces and Flash memory is used only in Program space.
This section provides memory maps for:
•
Program Address Space, including the Interrupt Vector Table
•
Data Address Space, including the EOnCE Memory and Peripheral Memory Maps
On-chip memory sizes for the device are summarized in Table 4-1. Flash memories’ restrictions are
identified in the “Use Restrictions” column of Table 4-1.
4.2 Interrupt Vector Table
Table 4-2 provides the 56F8014’s reset and interrupt priority structure, including on-chip peripherals. The
table is organized with higher-priority vectors at the top and lower-priority interrupts lower in the table.
As indicated, the priority of an interrupt can be assigned to different levels, allowing some control over
interrupt priorities. All level 3 interrupts will be serviced before level 2, and so on. For a selected priority
level, the lowest vector number has the highest priority.
The location of the vector table is determined by the Vector Base Address (VBA). Please see Section 5.5.6
for the reset value of the VBA.
By default, the chip reset address and COP reset address will correspond to vector 0 and 1 of the interrupt
vector table. In these instances, the first two locations in the vector table must contain branch or JMP
instructions. All other entries must contain JSR instructions.
Table 4-1 Chip Memory Configurations
On-Chip Memory
56F8014
Use Restrictions
Program Flash
(PFLASH)
8k x 16
Erase / Program via Flash interface unit and word writes to CDBW
Unified RAM (ram)
2k x 16
Usable by both the Program and Data memory spaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com