Electronic Components Datasheet Search
  English  ▼

X  

56F8014 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 67Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 68Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 69Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 70Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 71Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 72Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 73Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 74Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 124 page
background image
Register Descriptions
56F8014 Technical Data, Rev. 11
Freescale Semiconductor
71
•
01101 = Reserved for factory test—Continuous peripheral clock
•
01110 = Reserved for factory test—Continuous inverted peripheral clock
•
01111 = Reserved for factory test—Continuous high-speed peripheral clock
6.3.8
SIM GPIO Peripheral Select Register (SIM_GPS)
All of the peripheral pins on the 56F8014 share their Input/Output (I/O) with GPIO ports. To select
peripheral or GPIO control, program the corresponding bit in the GPIOx_PEREN register in the GPIO
module. (See MC56F8000RM, the 56F801x Peripheral Reference Manual, for details.) In some cases,
there are two possible peripherals as well as the GPIO functionality available for control of the I/O. In these
cases, the SIM_GPS register is used to determine which peripheral has control when the corresponding
I/O pin is configured in peripheral mode.
As shown in Figure 6-9, the GPIO Peripheral Enable Register (PEREN) has the final control over which
pin controls the I/O. SIM_GPS simply decides which peripheral will be routed to the I/O when
PEREN = 1.
Figure 6-9 Overall Control of Pads Using SIM_GPS Control
Figure 6-10 GPIO Peripheral Select Register (SIM_GPS)
6.3.8.1
Quad Timer Clock Rate (TCR)—Bit 15
This bit selects the clock speed for the Quad Timer module.
•
0 = Quad Timer module clock rate equals system clock rate, to a maximum 32 MHz (default)
•
1 = Quad Timer module clock rate equals three times sytem clock rate, to a maximum 96 MHz
Base + $B
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
TCR
PCR
0
0
CFG_
B7
CFG_
B6
CFG_
B5
CFG_
B4
CFG_
B3
CFG_
B2
CFG_
B1
CFG_
B0
CFG_A5
CFG_A4
Write
RESET
0
0
0
0
00000000
0000
GPIOB_PEREN Register
GPIO Controlled
I/O Pad Control
SIM_GPS Register
Quad Timer Controlled
SCI Controlled
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com