Electronic Components Datasheet Search
  English  ▼

X  

56F8014 Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 95Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 96Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 97Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 98Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 99Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 100Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 101Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 102Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 124 page
background image
Flash Memory Characteristics
56F8014 Technical Data, Rev. 11
Freescale Semiconductor
99
Figure 10-2 Input Signal Measurement References
Figure 10-3 shows the definitions of the following signal states:
•
Active state, when a bus or signal is driven, and enters a low impedance state
•
Tri-stated, when a bus or signal is placed in a high impedance state
•
Data Valid state, when a signal level has reached VOL or VOH
•
Data Invalid state, when a signal level is in transition between VOL and VOH
Figure 10-3 Signal States
10.4 Flash Memory Characteristics
Table 10-9 Flash Timing Parameters
Characteristic
Symbol
Min
Typ
Max
Unit
Program time1
1. There is additional overhead which is part of the programming sequence. See the 56F801X Peripheral Reference
Manual for details.
Tprog
20
—
40
μs
Erase time2
2. Specifies page erase time. There are 512 bytes per page in the Program Flash memory.
Terase
20
—
—
ms
Mass erase time
Tme
100
—
—
ms
VIH
VIL
Fall Time
Input Signal
Note: The midpoint is VIL + (VIH – VIL)/2.
Midpoint1
Low
High
90%
50%
10%
Rise Time
Data Invalid State
Data1
Data2 Valid
Data
Tri-stated
Data3 Valid
Data2
Data3
Data1 Valid
Data Active
Data Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com