Electronic Components Datasheet Search
  English  ▼

X  

56F8014 Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 77Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 78Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 79Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 80Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 81Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 82Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 83Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 84Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 124 page
background image
Clocks
56F8014 Technical Data, Rev. 11
Freescale Semiconductor
81
6.7 Clocks
The memory, peripheral and core clocks all operate at the same frequency (32MHz max) with the
exception of the TMR and PWM peripheral clocks, which have the option (using TCR and PCR) to operate
three times faster. The SIM is responsible for stalling individual clocks as a response to various hold-off
requests, low power modes, and other configuration parameters. The SIM has access to the following
signals from the OCCS module:
While the SIM generates the ADC peripheral clock in the same way it generates all other peripheral clocks,
the ADC standby and conversion clocks are generated by a direct interface between the ADC and the
OCCS module.
Figure 6-16 illustrates clock relationships to one another and to the various resets as the device comes out
of reset. RST is assumed to be the logical AND of all active-low system resets (for example, POR, external
reset, COP and Software reset). In the 56F8014 architecture, this signal will be stretched by the SIM for a
period of time (up to 96 MSTR_OSC clock cycles, depending upon the status of the POR) to create the
clock generation reset signal (CLKGEN_RST). The SIM should deassert CLKGEN_RST synchronously
with the negative edge of OSC_CLK in order to avoid skew problems. CLKGEN_RST is delayed 32
SYS_CLK cycles to create the peripheral reset signal (PERIP_RST). PERIP_RST is then delayed by 32
SYS_CLK cycles to create CORE_RST. Both PERIP_RST and CORE_RST should be released on the
negative edge of SYS_CLK_D as shown. This phased releasing of system resets is necessary to give some
peripherals (for example, the Flash interface unit) set-up time prior to the 56800E core becoming active.
MSTR_OSC
This comes from the input clock source mux of the OCCS. It is the output of the relaxation
oscillator or the external clock source, depending on PRECS. It is not guaranteed to be at
50% duty cycle (+ or - 10% can probably be assumed for design purposes). This clock runs
continuously, even during reset and is used for reset generation.
HS_PERF
The PLL multiplies the MSTR_OSC by 24, to a maximum of 192MHz. The ZSRC field in
OCCS selects the active source to be the PLL. This is divided by 2 and postscaled to
produce this maximum 96MHz clock. It is used without further division to produce the
high-speed (3x system bus rate) variants of the Quad Timer and PWM peripheral clocks.
This clock is disabled when ZSRC is selecting MSTR_OSC.
SYS_CLK_x2
The PLL can multiply the MSTR_OSC by 24, to a maximum of 192MHz. When the PLL is
selected by the OCCS ZSRC field, the PLL is divided by three and postscaled to produce
this maximum 64MHz clock. When MSTR_OSC is selected by the OCCS ZSRC field,
MSTR_OSC feeds SYS_CLK_x2 directly. The SIM takes this clock and divides it by two to
generate all the normal (1x system bus rate) peripheral and system clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com