Electronic Components Datasheet Search
  English  ▼

X  

56F8014 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 25Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 26Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 27Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 28Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 124 page
background image
56F8014 Technical Data, Rev. 11
28
Freescale Semiconductor
3.4 Block Diagram
Figure 3-2 provides a block diagram which shows how the 56F8014 creates its internal clock, using the
relaxation oscillator as an 8MHz clock reference for the PLL.
Figure 3-2 OCCS Block Diagram with Relaxation Oscillator
TRIM[9:0]
ROSB
ROPD
Relaxation
OSC
Bus Interface and
Control
Bus
Interface
GPIOB6 / RXD
PRECS
MUX
MSTR_OSC
SYS_CLK_x2
source to the SIM
(64MHz max)
ZSRC
HS PERF CLK
(96MHz max)
Postscaler
(
÷ 1, 2, 4, 8, 16, 32)
Postscaler
(
÷ 1, 2, 4, 8, 16, 32)
÷ 3
÷ 2
PLL
X 24
Lock
Detector
Loss of
Reference
Clock
Detector
Loss of Reference Clock Interrupt
LCK
PLLCOD
FOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com