Electronic Components Datasheet Search
  English  ▼

X  

56F8014 Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 64Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 65Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 66Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 67Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 68Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 69Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 70Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 71Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 124 page
background image
56F8014 Technical Data, Rev. 11
68
Freescale Semiconductor
(COP) timer. It will not be set if an external or POR reset also occurred. If COPR is set as code starts
executing, the COP reset vector in the vector table will be used. Otherwise, the normal reset vector is used.
6.3.2.4
External Reset (EXTR)—Bit 3
When set, this bit indicates that the previous system reset was caused by an external reset. It will only be
set if the external reset pin was asserted or remained asserted after the Power-On Reset deasserted.
6.3.2.5
Power-On Reset (POR)—Bit 2
This bit is set during a Power-On Reset.
6.3.2.6
Reserved—Bits 1–0
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
6.3.3
SIM Software Control Registers (SIM_SWC0, SIM_SWC1,
SIM_SWC2, and SIM_SWC3)
Only SIM_SWC0 is shown in this section. SIM_SWC1, SIM_SWC2, and SIM_SWC3 are identical in
functionality.
Figure 6-4 SIM Software Control Register 0 (SIM_SWC0)
6.3.3.1
Software Control Data 0 (FIELD)—Bits 15–0
This register is reset only by the Power-On Reset (POR). It has no part-specific functionality and is
intended for use by a software developer to contain data that will be unaffected by the other reset sources
(RESET pin, software reset, and COP reset).
6.3.4
Most Significant Half of JTAG ID (SIM_MSHID)
This read-only register displays the most significant half of the JTAG ID for the chip. This register reads
$01F2.
Figure 6-5 Most Significant Half of JTAG ID (SIM_MSHID)
Base + $2
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
Software Control Data 0
Write
RESET
0
0
0
0
0
0
0
0
000
0
000
0
Base + $6
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
1
1
1
1
1
0
0
1
0
Write
RESET
0
0
0
0
0
0
0
1
111
1
001
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com