Electronic Components Datasheet Search
  English  ▼

X  

56F8014 Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 82Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 83Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 84Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 85Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 86Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 87Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 88Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 89Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 124 page
background image
56F8014 Technical Data, Rev. 11
86
Freescale Semiconductor
8.3 Reset Values
Tables 4-16 through 4-19 detail registers for the 56F8014; Figures 8-1 through 8-4 summarize register
maps and reset values.
GPIOB6
RXD / SDA / CLKIN
32
SIM register SIM_GPS is used to
select between RXD and SDA.
CLKIN functionality is enabled using
the PLL Control Register within the
OCCS block.
Defaults to B6
GPIOB7
TXD / SCL
2
SIM register SIM_GPS is used to
select between TXD and SCL
Defaults to B7
GPIOC0
ANA0
13
Defaults to ANA0
GPIOC1
ANA1
12
Defaults to ANA1
GPIOC2
ANA2 / VREFH
11
Defaults to ANA2
GPIOC3
ANA3
10
Defaults to ANA3
GPIOC4
ANB0
4
Defaults to ANB0
GPIOC5
ANB1
5
Defaults to ANB1
GPIOC6
ANB2 / VREFL
6
Defaults to ANB2
GPIOC7
ANB3
7
Defaults to ANB3
GPIOD0
TDI
29
Defaults to TDI
GPIOD1
TDO
31
Defaults to TDO
GPIOD2
TCK
15
Defaults to TCK
GPIOD3
TMS
30
Defaults to TMS
Table 8-2 GPIO External Signals Map (Continued)
Pins in shaded rows are not available in 56F8014
GPIO Function
Peripheral Function
LQFP
Package Pin
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com