Electronic Components Datasheet Search
  English  ▼

X  

56F8014 Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 65Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 66Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 67Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 68Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 69Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 70Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 71Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 72Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 124 page
background image
Register Descriptions
56F8014 Technical Data, Rev. 11
Freescale Semiconductor
69
6.3.5
Least Significant Half of JTAG ID (SIM_LSHID)
This read-only register displays the least significant half of the JTAG ID for the chip. This register reads
$401D.
Figure 6-6 Least Significant Half of JTAG ID (SIM_LSHID)
6.3.6
SIM Power Control Register (SIM_PWR)
This register controls the Standby mode of the large regulator. The large regulator derives the core digital
logic power supply from the IO power supply. In some circumstances, the large regulator may be put in a
reduced-power Standby mode without interfering with part operation. Refer to the overview of
power-down modes and the overview of clock generation for more information on the use of large
regulator standby.
Figure 6-7 SIM Power Control Register (SIM_PWR)
6.3.6.1
Reserved—Bits 15–2
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
6.3.6.2
Large Regulator Standby Mode[1:0] (LRSTDBY)—Bits 1–0
This bit controls the pull-up resistors on the IRQA pin.
•
00 = Large regulator is in Normal mode
•
01 = Large regulator is in Standby (reduced-power) mode
•
10 = Large regulator is in Normal mode and the LRSTDBY field is write-protected until the next reset
•
11 = Large regulator is in Standby mode and the LRSTDBY field is write-protected until the next reset
Note:
Standby mode can be used when the device operates below 200 kHz if the PLL is shut down.
6.3.7
CLKO Select Register (SIM_CLKOUT)
The CLKO select register can be used to multiplex out selected clocks generated inside the clock
generation and SIM modules. All functionality is for test purposes only and is subject to
unspecified latencies. Glitches may be produced when the clock is enabled or switched.
Base + $7
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
1
0
0
0
0
0
0
0
0
0
1
1
1
0
1
Write
RESET
0
1
0
0
0
0
0
0
000
1
110
1
Base + $8
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
0
0
0
0
0
LRSTDBY
Write
RESET
0
0
0
000
000
000
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com