| Electronic Components Datasheet Search |
|
56F8014 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8014 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc |
|
23 / 124 page ![]() 56F8014 Signal Pins 56F8014 Technical Data, Rev. 11 Freescale Semiconductor 23 GPIOA1 (PWM1) 27 Input/ Output Output Input with internal pull-up enabled Port A GPIO — This GPIO pin can be individually programmed as an input or output pin. PWM1 — This is one of the six PWM output pins. After reset, the default state is GPIOA1. GPIOA2 (PWM2) 23 Input/ Output Output Input with internal pull-up enabled Port A GPIO — This GPIO pin can be individually programmed as an input or output pin. PWM2 — This is one of the six PWM output pins. After reset, the default state is GPIOA2. GPIOA4 (PWM4) (FAULT1) (T27) 22 Input/ Output Output Input Input/ Output Input with internal pull-up enabled Port A GPIO — This GPIO pin can be individually programmed as an input or output pin. PWM4 — This is one of the six PWM output pins. Fault1 — This fault input pin is used for disabling selected PWM outputs in cases where fault conditions originate off-chip. T2 — Timer, Channel 2 After reset, the default state is GPIOA4. The alternative peripheral functionality is controlled via the SIM. See Section 6.3.8. 7. This signal is also brought out on the GPIOB2 pin. GPIOA5 (PWM5) (FAULT2) (T38) 20 Input/ Output Output Input Input/ Output Input with internal pull-up enabled Port A GPIO — This GPIO pin can be individually programmed as an input or output pin. PWM5 — This is one of the six PWM output pins. Fault2 — This fault input pin is used for disabling selected PWM outputs in cases where fault conditions originate off-chip. T3 — Timer, Channel 3 After reset, the default state is GPIOA5. The alternative peripheral functionality is controlled via the SIM. See Section 6.3.8. 8. This signal is also brought out on the GPIOB3 pin. Return to Table 2-2 Table 2-3 56F8014 Signal and Package Information for the 32-Pin LQFP (Continued) Signal Name LQFP Pin No. Type State During Reset Signal Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |