Electronic Components Datasheet Search
  English  ▼

X  

56F8014 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 39Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 40Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 41Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 42Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 43Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 44Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 45Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 46Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 124 page
background image
Introduction
56F8014 Technical Data, Rev. 11
Freescale Semiconductor
43
Part 5 Interrupt Controller (ITCN)
5.1 Introduction
The Interrupt Controller (ITCN) module is used to arbitrate between various interrupt requests (IRQs), to
signal to the 56800E core when an interrupt of sufficient priority exists, and to what address to jump in
order to service this interrupt.
5.2 Features
The ITCN module design includes these distinctive features:
•
Programmable priority levels for each IRQ
•
Two programmable Fast Interrupts
•
Notification to SIM module to restart clocks out of Wait and Stop modes
•
Ability to drive initial address on the address bus after reset
For further information, see Table 4-2, Interrupt Vector Table Contents.
5.3 Functional Description
The Interrupt Controller contains registers that allow each of the 46 interrupt sources to be set to one of
three priority levels (excluding certain interrupts that are of fixed priority). Next, all of the interrupt
requests of a given level are priority encoded to determine the lowest numerical value of the active
interrupt requests for that level. Within a given priority level, number 0 is the highest priority and number
45 is the lowest.
During wait and stop modes, the system clocks and the 56800E core are turned off. The ITCN can wake
the core and restart system clocks by signaling a pending IRQ to the System Integration Module (SIM) to
FM_USTAT
$13
User Status Register
FM_CMD
$14
Command Register
$15
Reserved
$16
Reserved
$17
Reserved
FM_DATA
$18
Data Buffer Register
$19
Reserved
$1A
Reserved
FM_OPT1
$1B
Optional Data 1 Register
Reserved
FM_TSTSIG
$1D
Test Array Signature Register
Table 4-22 Flash Module Registers Address Map (Continued)
(FM_BASE = $00 F400)
Register Acronym
Address Offset
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com