Electronic Components Datasheet Search
  English  ▼

X  

TLK6002 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 38Page - Texas Instruments TLK6002 Datasheet HTML 39Page - Texas Instruments TLK6002 Datasheet HTML 40Page - Texas Instruments TLK6002 Datasheet HTML 41Page - Texas Instruments TLK6002 Datasheet HTML 42Page - Texas Instruments TLK6002 Datasheet HTML 43Page - Texas Instruments TLK6002 Datasheet HTML 44Page - Texas Instruments TLK6002 Datasheet HTML 45Page - Texas Instruments TLK6002 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 96 page
background image
32 "1's"
0
1
1
PA[4:0]
16'h8000
0
1
0
Idle
1
Start
Write
Code
PHY
Addr
Turn
Around
Data
REG
Addr
5'h1E
Preamble
MDC
MDIO
32 "1's"
0
1
1
PA[4:0]
DATA
0
1
0
Idle
1
Start
Write
Code
PHY
Addr
Turn
Around
Data
REG
Addr
5'h1F
Preamble
MDC
MDIO
32 "1's"
0
1
1
PA[4:0]
16'h8000
0
1
0
Idle
1
Start
Write
Code
PHY
Addr
Turn
Around
Data
REG
Addr
5'h1E
Preamble
MDC
MDIO
TLK6002
SLLSE34 – MAY 2010
www.ti.com
The IEEE 802.3 Clause 22 specification defines many of the registers, and additional registers have been
implemented for expanded functionality.
Clause 22 Indirect Addressing:
The TLK6002 Register space is divided into two register groups. One register group can be addressed
directly through Clause 22, and one register group can be addressed indirectly through Clause 22. The
register group which can be addressed through Clause 22 indirectly is implemented in vendor specific
register space (16’h8000 onwards). Due to clause 22 register space limitations, an indirect addressing
method is implemented so that this extended register space can be accessed through clause 22. To
access this register space (16’h8000 onwards), an address control register (Reg 30, 5’h1E) should be
written with the register address followed by a read/write transaction to address data register (Reg 31,
5’h1F) to access the contents of the address specified in address control register.
Figure 2-17 and Figure 2-18 illustrate an example write transaction to Register 16’h8000 using indirect
addressing in Clause 22.
Figure 2-17. CL22 – Indirect Address Method – Address Write
Figure 2-18. CL22 – Indirect Address Method – Data Write
Figure 2-19 and Figure 2-20 illustrate an example read transaction to read contents of Register 16’h8000
using indirect addressing in Clause 22.
Figure 2-19. CL22 – Indirect Address Method – Address Write
42
Description
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com