Electronic Components Datasheet Search
  English  ▼

X  

TLK6002 Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 58 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 54Page - Texas Instruments TLK6002 Datasheet HTML 55Page - Texas Instruments TLK6002 Datasheet HTML 56Page - Texas Instruments TLK6002 Datasheet HTML 57Page - Texas Instruments TLK6002 Datasheet HTML 58Page - Texas Instruments TLK6002 Datasheet HTML 59Page - Texas Instruments TLK6002 Datasheet HTML 60Page - Texas Instruments TLK6002 Datasheet HTML 61Page - Texas Instruments TLK6002 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 96 page
background image
TLK6002
SLLSE34 – MAY 2010
www.ti.com
Table 3-25. SERDES_CONTROL_2
Address: 0x14
Default: 0x7C4F
BIT(s)
NAME
DESCRIPTION
ACCESS
20.15
RESERVED
For TI use only.
20.14
RESERVED
For TI use only
20.13
RESERVED
For TI use only
20.12
RESERVED
For TI use only
20.11
RESERVED
For TI use only
20.10
RESERVED
For TI use only
RW
20.9
RESERVED
For TI use only.
20.8
RESERVED
For TI use only.
20.7
RESERVED
For TI use only.
20.6
RESERVED
For TI use only.
20.5:4
RESERVED
For TI use only
20.3
RESERVED
For TI use only
20.2
ENRX
Serdes receiver enable control. Serdes receiver is automatically disabled when PD_TRXx_N
RW
is asserted LOW or when register bit 1.15 is set HIGH.
0 = Disables serdes receiver
1 = Enables serdes receiver (Default 1’b1)
20.1
ENTX
Serdes transmitter enable control. Serdes transmitter is automatically disabled when
RW
PD_TRXx_N is asserted LOW or when register bit 1.15 is set HIGH.
0 = Disables serdes transmitter
1 = Enables serdes transmitter (Default 1’b1)
20.0
ENPLL
Serdes PLL enable control. Serdes PLL is automatically disabled when PD_TRXx_N is
RW
asserted LOW or when register bit 1.15 is set HIGH.
0 = Disables PLL in serdes
1 = Enables PLL in serdes (Default 1’b1)
Table 3-26. TI_RESERVED_CONTROL_3
Address: 0x15
Default: 0x0023
BIT(s)
NAME
DESCRIPTION
ACCESS
21.12
RESERVED
For TI use only.
21.11
RESERVED
For TI use only
21.10
RESERVED
For TI use only
21:9
RESERVED
For TI use only
RW
21.8
RESERVED
For TI use only
21.7
RESERVED
For TI use only
21.6:4
RESERVED
For TI use only
21.2:0
RESERVED
For TI use only
Table 3-27. TI_RESERVED_CONTROL_4
Address: 0x16
Default: 0x0023
BIT(s)
NAME
DESCRIPTION
ACCESS
22.12
RESERVED
For TI use only.
22.11
RESERVED
For TI use only
22.10
RESERVED
For TI use only
22.9
RESERVED
For TI use only
RW
22.8
RESERVED
For TI use only
22.7
RESERVED
For TI use only
22.6:4
RESERVED
For TI use only.
22.2:0
RESERVED
For TI use only.
58
PROGRAMMERS REFERENCE
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com