Electronic Components Datasheet Search
  English  ▼

X  

TLK6002 Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 50 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 46Page - Texas Instruments TLK6002 Datasheet HTML 47Page - Texas Instruments TLK6002 Datasheet HTML 48Page - Texas Instruments TLK6002 Datasheet HTML 49Page - Texas Instruments TLK6002 Datasheet HTML 50Page - Texas Instruments TLK6002 Datasheet HTML 51Page - Texas Instruments TLK6002 Datasheet HTML 52Page - Texas Instruments TLK6002 Datasheet HTML 53Page - Texas Instruments TLK6002 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 96 page
background image
TLK6002
SLLSE34 – MAY 2010
www.ti.com
Table 3-9. CHANNEL_CONTROL_4
Address: 0x04
Default: 0x0000
BIT(s)
NAME
DESCRIPTION
ACCESS
4.3
DATAPATH_RESET
Channel datapath reset control. Required once the desired functional mode is configured.
RW
SC(1)
0 = Normal operation. (Default 1’b0)
1 = Resets channel logic excluding MDIO registers. (Resets both Tx and Rx datapath)
4.2
TXFIFO_RESET
Transmit FIFO reset control
0 = Normal operation. (Default 1’b0)
1 = Resets transmit datapath FIFO.
4.1
RXFIFO_RESET
Receive FIFO reset control
0 = Normal operation. (Default 1’b0)
1 = Resets receive datapath FIFO.
(1)
After reset bit is set to one, it automatically sets itself back to zero on the next MDC clock cycle.
Table 3-10. CHANNEL_STATUS_1
Address: 0x05
Default: 0x0000
BIT(s)
NAME
DESCRIPTION
ACCESS
5.14
AZ_DONE
Auto zero complete indicator.
RO/LL
When high, indicates auto zero calibration is complete
5.13
AGC_LOCKED
Adaptive gain control loop lock indicator.
When high, indicates AGC loop is in locked state
5.12
TP_ STATUS
Test Pattern status for test pattern selected in 7.10:8 .
RO
0 = Alignment has not achieved
1 = Alignment has been determined and correct pattern has been received.
Any bit errors received are reflected in ERROR_COUNTER register (0x0E)
5.11
ARS_PLL_LOCK_ERROR
ARS PLL Lock error indicator. Valid only when ARS function is enabled.
RO/LH
When high, indicates ARS did not detect PLL lock within the time specified through
ARS_INTERVAL[20:0] (11.4:0,12.15:0).
5.10
ARS_LOCKED
ARS lock indicator. Valid only when ARS function is enabled.
RO/LL
When high, indicates ARS has determined incoming serial data rate.
5.9
ENCODE_INVALID
Valid in 16 bit (SDR/DDR) mode (encoder enabled) and during
RO/LH
CRPAT test pattern generation.
When high, indicates encoder received an invalid control word.
5.8
DECODE_INVALID
Valid in 16 bit (SDR/DDR) mode (decoder enabled) and during CRPAT test pattern
RO/LH
verification.
When high, indicates decoder received an invalid code word, or a 8b/10b disparity error.
In functional mode, number of DECODE_INVALID errors are reflected in
ERROR_COUNTER register (0x0E)
5.7
TX_FIFO_UNDERFLOW
When high, indicates underflow has occurred in the transmit datapath FIFO.
RO/LH
5.6
TX_FIFO_OVERFLOW
When high, indicates overflow has occurred in the transmit datapath FIFO.
RO/LH
5.5
RX_FIFO_UNDERFLOW
When high, indicates underflow has occurred in the receive datapath FIFO.
RO/LH
5.4
RX_FIFO_OVERFLOW
When high, indicates overflow has occurred in the receive datapath FIFO.
RO/LH
5.3
GPI1
GPI1 status Indicator.
RO
Reflects GPI1 input signal status.
5.2
LOS
Loss of Signal Indicator.
RO/LH
When high, indicates that a loss of signal condition is detected on serial receive inputs
5.1
CHANNEL_SYNC
Channel synchronization status indicator. Valid only when comma detection is enabled
RO/LL
When high, indicates channel synchronization has achieved
5.0
PLL_LOCK
Serdes PLL lock indicator
RO/LL
When high, indicates Serdes PLL is locked to the selected incoming REFCLK_0/1_P/N
50
PROGRAMMERS REFERENCE
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com