Electronic Components Datasheet Search
  English  ▼

X  

TLK6002 Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 54 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 50Page - Texas Instruments TLK6002 Datasheet HTML 51Page - Texas Instruments TLK6002 Datasheet HTML 52Page - Texas Instruments TLK6002 Datasheet HTML 53Page - Texas Instruments TLK6002 Datasheet HTML 54Page - Texas Instruments TLK6002 Datasheet HTML 55Page - Texas Instruments TLK6002 Datasheet HTML 56Page - Texas Instruments TLK6002 Datasheet HTML 57Page - Texas Instruments TLK6002 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 96 page
background image
TLK6002
SLLSE34 – MAY 2010
www.ti.com
Table 3-15. ARS_CONTROL_1
Address: 0x0A
Default: 0x0800
BIT(s)
NAME
DESCRIPTION
ACCESS
10.15
ARS_RX_CLK_EN
Valid only when ARS function is enabled.
RW
0 = Holds parallel output clock RXCLK_x output fixed at zero until serial data
rate is determined by the ARS. (Default 1’b0)
1 = Allows RXCLK_x output to toggle normally.
10.14
ARS_ LOCK_OVERLAY
Valid only when ARS function is enabled.
RW
0 = LOSx pin does not reflect ARS loss of lock status (Default 1’b0)
1 = Allows ARS loss of lock status to be reflected on LOSx pin
10.13:12
ARS_ EN[1:0]
ARS enable software control. Applicable when RATE_x[2:0] pins are set to
RW
3’b100.
00 = Serdes settings are determined by MDIO (Default 2’b00)
01 = Enable ARS function in respective channel.
Serdes settings for respective channel are determined by ARS in the same
channel. Refer RATE_x[2:0] 3’b101 setting for more information.
10 = Enable ARS function in respective channel.
Serdes settings for respective channel are determined by ARS in the same
channel. Refer RATE_x[2:0] 3’b110 setting for more information.
11 = Enable ARS function in respective channel as slave mode.
If ARS is enabled in partner channel, serdes settings in this channel are
determined by ARS in partner channel.
If ARS is not enabled in partner channel, serdes settings in this channel are
determined by MDIO.
Refer RATE_x[2:0] 3’b111 setting for more information.
10.11
ARS_TX_MDIO_GATE
Valid only when ARS_TX_DATAPATH_OVERRIDE (10.10) is set
RW
0 = When ARS successfully determines incoming serial data rate, TX_FIFO
is automatically reset and parallel data is serialized and sent through serial
output pins.
1 = When ARS successfully determines incoming serial data rate, TX FIFO
needs to be manually reset by writing to register bit 4.2 to enable proper
serialization of the parallel data. (Default 1’b1)
10.10
ARS_TX_DATAPATH_OVERRIDE
Applicable during serial data rate determination by ARS
RW
0 = Transmit parallel input data is serialized as received and sent through
serial output pins. (Default 1’b0)
1 = 10 bit data specified in ARS_TX_DATA (10.9:0) is serialized and sent
through serial output pins.
10.9:0
ARS_TX_DATA[9:0]
10 bit data to be serialized during serial rate determination by ARS.
RW
If TX_PMA_BIT_ORDER (8.3) is set, ARS_TX_DATA [9] is serially
transmitted first else ARS_TX_DATA [0] is serially transmitted first.
54
PROGRAMMERS REFERENCE
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com