Electronic Components Datasheet Search
  English  ▼

X  

TLK6002 Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 66 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 62Page - Texas Instruments TLK6002 Datasheet HTML 63Page - Texas Instruments TLK6002 Datasheet HTML 64Page - Texas Instruments TLK6002 Datasheet HTML 65Page - Texas Instruments TLK6002 Datasheet HTML 66Page - Texas Instruments TLK6002 Datasheet HTML 67Page - Texas Instruments TLK6002 Datasheet HTML 68Page - Texas Instruments TLK6002 Datasheet HTML 69Page - Texas Instruments TLK6002 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 96 page
background image
0
0 .175
0 .39
0 .610 .825
1
0
X 1
X 2
1 - X 21 - X 1
1
+ 800 mV
+ 400 mV
- 400 mV
- 800 mV
0 V
+ A 2
+ A 1
- A 1
- A 2
0
0
0 .14
0 .34
0 .660 .86
1
0
X 1
X 2
1 - X 21 - X 1
1
+ 1000 mV
+ 550 mV
- 550 mV
- 1000 mV
0 V
+ A 2
+ A 1
- A1
- A2
0
0
0 .175
0 .39
0 .610 .825
1
0
X 1
X 2
1 - X 21 - X 1
1
+ 800 mV
+ 200 mV
- 200 mV
- 800 mV
0 V
+ A 2
+ A 1
- A 1
- A 2
0
TLK6002
SLLSE34 – MAY 2010
www.ti.com
Figure 4-3. CPRI TX LV Mask for: E.6/12/24/30.LV (0.6144/1.2288/2.4576/3.072 Gbps)
Figure 4-4. CPRI TX HV Output Mask for: E.6/12.HV (0.6144/1.2288 Gbps)
Figure 4-5. OBSAI TX Output Mask for Rates
≤ 3.072 Gbps
66
ELECTRICAL SPECIFICATIONS
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com