Electronic Components Datasheet Search
  English  ▼

X  

TLK6002 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 43Page - Texas Instruments TLK6002 Datasheet HTML 44Page - Texas Instruments TLK6002 Datasheet HTML 45Page - Texas Instruments TLK6002 Datasheet HTML 46Page - Texas Instruments TLK6002 Datasheet HTML 47Page - Texas Instruments TLK6002 Datasheet HTML 48Page - Texas Instruments TLK6002 Datasheet HTML 49Page - Texas Instruments TLK6002 Datasheet HTML 50Page - Texas Instruments TLK6002 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 96 page
background image
TLK6002
www.ti.com
SLLSE34 – MAY 2010
Table 3-5. Post-Cursor Transmit Tap Weights
2[12:8]
2[12:8]
VALUE
TAP WEIGHT (%)
VALUE
TAP WEIGHT (%)
00000
0
10000
0
00001
+2.5
10001
–2.5
00010
+5.0
10010
–5.0
00011
+7.5
10011
–7.5
00100
+10.0
10100
–10.0
00101
+12.5
10101
–12.5
00110
+15.0
10110
–15.0
00111
+17.5
10111
–17.5
01000
+20.0
11000
–20.0
01001
+22.5
11001
–22.5
01010
+25.0
11010
–25.0
01011
+27.5
11011
–27.5
01100
+30.0
11100
–30.0
01101
+32.5
11101
–32.5
01110
+35.0
11110
–35.0
01111
+37.5
11111
–37.5
Table 3-6. Pre-Cursor Transmit Tap Weights
2[7:4]
2[7:4]
VALUE
TAP WEIGHT (%)
VALUE
TAP WEIGHT (%)
0000
0
1000
0
0001
+2.5
1001
–2.5
0010
+5.0
1010
–5.0
0011
+7.5
1011
–7.5
0100
+10.0
1100
–10.0
0101
+12.5
1101
–12.5
0110
+15.0
1110
–15.0
0111
+17.5
1111
–17.5
Copyright © 2010, Texas Instruments Incorporated
PROGRAMMERS REFERENCE
47
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com