Electronic Components Datasheet Search
  English  ▼

X  

TLK6002 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 51 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 47Page - Texas Instruments TLK6002 Datasheet HTML 48Page - Texas Instruments TLK6002 Datasheet HTML 49Page - Texas Instruments TLK6002 Datasheet HTML 50Page - Texas Instruments TLK6002 Datasheet HTML 51Page - Texas Instruments TLK6002 Datasheet HTML 52Page - Texas Instruments TLK6002 Datasheet HTML 53Page - Texas Instruments TLK6002 Datasheet HTML 54Page - Texas Instruments TLK6002 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 96 page
background image
TLK6002
www.ti.com
SLLSE34 – MAY 2010
Table 3-11. OVERRIDE_CONTROL
Address: 0x06
Default: 0xC000
BIT(s)
NAME
DESCRIPTION
ACCESS
6.15
RXCLK_OUT_EN
0 = Holds parallel output clock RXCLK_x output fixed at zero.
RW
1 = Allows RXCLK_x output to toggle normally. (Default 1’b1)
6.14:12
TX_FIFO_DEPTH[2:0]
TX FIFO Latency Control (Default 3’b100) This selection allows TX FIFO crash immunity to
RW
be traded off against datapath latency. Selecting a large latency allows for the most dynamic
phase variation between TXCLK_A/B and the selected SERDES channel reference clock
(REFCLK_0/1_P/N). Careful consideration should be made in selecting this value based on
the anticipated phase movement between TXCLK_A/B and selected REFCLK_0/1_P/N
during system operation to avoid unwanted reoccurring transmit FIFO collision.
TX_FIFO_DEPTH
TXCLK_A/B and selected
Appendix D Datapath Latency
[2:0]
REFCLK_0/1_P/N. Relative
Maximum Value (Serial Bit
Phase Movement Allowed
Times)
(Serial Bit Times)
000
±4
Same
001
±14
Same +20
010
±34
Same +60
011
±54
Same +110
1xx (Auto Selection)
Full Rate: Same as 011
Consistent with above four
Half Rate: Same as 010
selections.
Quarter Rate: Same as 001
Eighth Rate: Same as 000
6.11
GPI_OVERLAY
0 = LOSx pin does not reflect GPI1 input signal status (Default 1’b0)
RW
1 = Allows inverse value of GPI1 input signal to be reflected on LOSx pin
6.10
LOS_OVERLAY
0 = LOSx pin does not reflect Serdes Rx Loss of signal condition (Default 1’b0)
RW
1 = Allows Serdes Rx Loss of signal condition to be reflected on LOSx pin
6.9
CH_SYNC_OVERLAY
0 = LOSx pin does not reflect loss of channel synchronization status (Default 1’b0)
RW
1 = Allows channel loss of synchronization to be reflected on LOSx pin
6.8
PLL_LOCK_OVERLAY
0 = LOSx pin does not reflect loss of PLL lock status (Default 1’b0)
RW
1 = Allows loss of PLL lock status to be reflected on LOSx pin
6.7
RX_CHAR_CTRL_GPI1
Receive data replacement control when GPI1 input is low
RW
0 = Data passed through as received (Default 1’b0)
1 = Data replaced with K30.7 (when decoder is enabled) or all 0’s (when decoder is disabled)
6.6
RX_CHAR_CTRL_LOS
Receive data replacement control during Loss of signal condition
RW
0 = Data passed through as received (Default 1’b0)
1 = Data replaced with K30.7 (when decoder is enabled) or all 0’s (when decoder is disabled)
6.5
RX_CHAR_CTRL_CH_SYNC
Receive data replacement control during Loss of synchronization condition
RW
0 = Data passed through as received (Default 1’b0)
1 = Data replaced with K30.7 (when decoder is enabled) or all 0’s (when decoder is disabled)
6.4
RX_CHAR_CTRL_PLL_LOCK
Receive data replacement control during Loss of PLL Lock condition
RW
0 = Data passed through as received (Default 1’b0)
1 = Data replaced with K30.7 (when decoder is enabled) or all 0’s (when decoder is disabled)
6.3
INVALID_CODE_OVERLAY
0 = LOSx pin does not reflect invalid code word error (Default 1’b0)
RW
1 = Allows invalid code word error to be reflected on LOSx pin
6.2
HSTL_SLEW_RATE
Slew Rate setting for RX parallel outputs
RW
0 = No slew control (fastest edge) (Default 1’b0)
1 = 33% slower slew control
6.1:0
HSTL_TERM[1:0]
Parallel Input Termination setting for TX parallel inputs
RW
00 = Termination disable (High Impedance) (Default 2’b00)
01 = Half termination strength (200
Ω to VHSTL and GND) – Thevenin equivalent of 100 Ω to
(VDDQA/B)/2
1x = Full termination strength (100
Ω to VHSTL and GND) – Thevenin equivalent of 50 Ω to
(VDDQA/B)/2.
Copyright © 2010, Texas Instruments Incorporated
PROGRAMMERS REFERENCE
51
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com