Electronic Components Datasheet Search
  English  ▼

X  

TLK6002 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 16Page - Texas Instruments TLK6002 Datasheet HTML 17Page - Texas Instruments TLK6002 Datasheet HTML 18Page - Texas Instruments TLK6002 Datasheet HTML 19Page - Texas Instruments TLK6002 Datasheet HTML 20Page - Texas Instruments TLK6002 Datasheet HTML 21Page - Texas Instruments TLK6002 Datasheet HTML 22Page - Texas Instruments TLK6002 Datasheet HTML 23Page - Texas Instruments TLK6002 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 96 page
background image
TLK6002
SLLSE34 – MAY 2010
www.ti.com
2.5
16-bit SDR (Single Data Rate) Mode (8b/10b Encoder/Decoder Enabled)
Channel A TX: TDA_[18:10,8:0]
→ TXAP/N (Using TXCLK_A). RX: RXAP/N → RDA_[19:0] (Using
RXCLK_A).
Channel B TX: TDB_[18:10,8:0]
→ TXBP/N (Using TXCLK_B). RX: RXBP/N → RDB_[19:0] (Using
RXCLK_B).
The 16 Bits (two symbols) of unencoded (TX) or decoded (RX) data are transferred per parallel interface
clock cycle. Symbols are defined by a group of 9 parallel bits comprising of a K character control bit and a
byte of data (plus a high true disparity error or invalid symbol bit in RX only on RD*_[19] and RD*_[9]).
Please note that four symbols are shown in Figure 2-1: Data0[18:10]={Control Bit, Data[7:0]}, Data0[8:0]
={Control Bit, Data[7:0]}, Data1[18:10] ={Control Bit, Data[7:0]}, Data1[8:0] ={Control Bit, Data[7:0]}.
TXDA_[19], TXDA_[9], TXDB_[19], and TXDB_[9] are unused, and should be grounded in this application
mode. See Appendix C for a full list of control characters supported in the 8b/10b encoder/decoder.
Symbol Transmission Order:
When 3.5/3.4 = 0: Data0[18:10] is the first encoded transmitted or decoded received symbol. Data0[8:0] is
next, followed by Data1[18:10].
When 3.5/3.4 = 1: Data0[8:0] is the first encoded transmitted or decoded received symbol. Data0[18:10] is
next, followed by Data1[8:0].
Bit Transmission Order within a Symbol:
Control Character Bits are always on TD*_[18], TD*_ [8], RD*_[18], RD*_[8]
Data bytes are always on TD*_[17:10], TD*_[7:0], RD*_[17:10], RD*_[7:0].
The most significant bit of the data byte is always on TD*_[17], TD*_[7], RD*_[17], RD*_[7], and is bit "H"
in Figure 2-2.
When 8.3/8.2 = 1, The "a" bit in Figure 2-2 is serially transmitted first or received first (typical case, shown
below) per symbol.
When 8.3/8.2 = 0, The "j" bit in Figure 2-2 is serially transmitted first or received first (atypical case,
reverse from order Figure 2-2) per symbol.
Figure 2-2. 16-bit SDR Parallel Interface Mode (Serial Bit Order)
20
Description
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com