Electronic Components Datasheet Search
  English  ▼

X  

TLK6002 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 48Page - Texas Instruments TLK6002 Datasheet HTML 49Page - Texas Instruments TLK6002 Datasheet HTML 50Page - Texas Instruments TLK6002 Datasheet HTML 51Page - Texas Instruments TLK6002 Datasheet HTML 52Page - Texas Instruments TLK6002 Datasheet HTML 53Page - Texas Instruments TLK6002 Datasheet HTML 54Page - Texas Instruments TLK6002 Datasheet HTML 55Page - Texas Instruments TLK6002 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 96 page
background image
TLK6002
SLLSE34 – MAY 2010
www.ti.com
Table 3-12. LOOPBACK_TP_CONTROL
Address: 0x07
Default: 0x0700
BIT(s)
NAME
DESCRIPTION
ACCESS
7.15:14 RESERVED
For TI use only.
RW
7.13
TP_GEN_EN
0 = Normal operation (Default 1’b0)
RW
1 = Activates test pattern generation selected by bits 7.10:8
7.12
TP_VERIFY_EN
0 = Normal operation (Default 1’b0)
RW
1 = Activates test pattern verification selected by bits 7.10:8
7.10:8
TEST_PATTERN_SEL[2:0]
Test Pattern Selection
RW
000 = Reserved
001 = Reserved
010 = Reserved
011 = CRPAT Long (Supported only in half/quarter/eighth rate modes).
100 = CRPAT Short (Supported only in half/quarter/eighth rate modes).
101 = 27 - 1 PRBS pattern
110 = 223 - 1 PRBS pattern
111 = 231 - 1 PRBS pattern (Default 3’b111)
7.7
AGCLOCK_OVERLAY
0 = LOSx pin does not reflect AGC unlock status (Default 1’b0)
RW
1 = Allows AGC unlock status to be reflected on LOSx pin
7.6
AZDONE_OVERLAY
0 = LOSx pin does not reflect auto zero calibration not done status (Default 1’b0)
RW
1 = Allows auto zero calibration not done status to be reflected on LOSx pin
7.5
RX_CHAR_CTRL_AGCLOCK
Receive data replacement control during AGC unlock condition
RW
0 = Data passed through as received (Default 1’b0)
1 = Data replaced with K30.7 (when decoder is enabled) or all 0’s (when decoder is
disabled)
7.4
RX_CHAR_CTRL_AZDONE
Receive data replacement control during auto zero calibration not done condition
RW
0 = Data passed through as received (Default 1’b0)
1 = Data replaced with K30.7 (when decoder is enabled) or all 0’s (when decoder is
disabled)
7.3
DEEP_REMOTE_LPBK
In this mode, serial input data traverses entire Rx datapath just before parallel
RW
output drivers and is returned through entire Tx datapath and to the channel’s serial
output. The serial input data will also be available at the parallel output port. Serial
input data rate must match (0 ppm) reference clock.
0 = Normal functional mode (Default 1’b0)
1 = Enable deep remote loopback mode
See Figure 2-10
7.2
SHALLOW_REMOTE_LPBK
In this mode, serial input following decoder is fed back to the channel’s encoder
RW
input and to the serial output. The serial input data will also be available at the
parallel output port. Serial input data rate must match (0 ppm) reference clock
0 = Normal functional mode (Default 1’b0)
1 = Enable shallow remote loopback mode
See Figure 2-10
7.1
DEEP_LOCAL_LPBK
In this mode, parallel input is looped after serializer and fed back to the channel’s
RW
parallel output. The parallel input data is not available at the TX serial output. Note:
SWING[3:0] must be set to 4’b0000 in this mode.
0 = Normal functional mode (Default 1’b0)
1 = Enable deep local loopback mode
See figure Figure 2-9
Note that AZDONE must be asserted before asserting DEEP_LOCAL_LPBK. Also
note that AGCLOCK is not valid during DEEP_LOCAL_LPBK.
7.0
SHALLOW_LOCAL_LPBK
In this mode, parallel input after the encoder and before the serializer is fed back to
RW
the channel’s parallel output. The parallel input data will also be serialized and
available at the TX serial port
0 = Normal functional mode (Default 1’b0)
1 = Enable shallow local loopback mode
See Figure 2-9
52
PROGRAMMERS REFERENCE
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com