Electronic Components Datasheet Search
  English  ▼

X  

DAC5682Z Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5682Z
Description  16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5682Z Datasheet(HTML) 4 Page - Texas Instruments

  DAC5682Z Datasheet HTML 1Page - Texas Instruments DAC5682Z Datasheet HTML 2Page - Texas Instruments DAC5682Z Datasheet HTML 3Page - Texas Instruments DAC5682Z Datasheet HTML 4Page - Texas Instruments DAC5682Z Datasheet HTML 5Page - Texas Instruments DAC5682Z Datasheet HTML 6Page - Texas Instruments DAC5682Z Datasheet HTML 7Page - Texas Instruments DAC5682Z Datasheet HTML 8Page - Texas Instruments DAC5682Z Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
DAC5682Z
SLLS853C – AUGUST 2007 – REVISED JUNE 2009 ........................................................................................................................................................ www.ti.com
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
8, 12, 14,
LVDS negative input data bits 0 through 15. (See D[15:0]P description above)
16, 18, 20,
D15N is most significant data bit (MSB) – pin 8
22, 24, 28,
D0N is least significant data bit (LSB) – pin 43
D[15..0]N
I
30, 32, 34,
36, 38, 41,
43
LVDS positive input clock. Unlike the other LVDS inputs, the DCLKP/N pair is self-biased to approximately
DVDD/2 and does not have an internal termination resistor in order to optimize operation of the DLL circuit.
See the “DLL Operation” section. For proper external termination, connect a 100
Ω resistor across LVDS
DCLKP
25
I
clock source lines followed by series 0.01
µF capacitors connected to each of DCLKP and DCLKN pins (see
Figure 26). For best performance, the resistor and capacitors should be placed as close as possible to these
pins.
DCLKN
26
I
LVDS negative input clock. (See the DCLKP description)
10, 39, 50,
Digital supply voltage. (1.8 V)
DVDD
I
63
Used as external reference input when internal reference is disabled (i.e., EXTLO connected to AVDD).
EXTIO
56
I/O
Used as 1.2V internal reference output when EXTLO = GND, requires a 0.1
µF decoupling capacitor to
AGND when used as reference output.
EXTLO
58
O
Connect to GND for internal reference, or AVDD for external reference.
4, Thermal
Pin 4 and the Thermal Pad located on the bottom of the QFN package is ground for AVDD, DVDD and
GND
I
Pad
IOVDD supplies.
A-Channel DAC current output. An offset binary data pattern of 0x0000 at the DAC input results in a full
scale current sink and the least positive voltage on the IOUTA1 pin. Similarly, a 0xFFFF data input results in
IOUTA1
52
O
a 0 mA current sink and the most positive voltage on the IOUTA1 pin. In single DAC mode, outputs appear
on the IOUTA1/A2 pair only.
A-Channel DAC complementary current output. The IOUTA2 has the opposite behavior of the IOUTA1
IOUTA2
53
O
described above. An input data value of 0x0000 results in a 0mA sink and the most positive voltage on the
IOUTA2 pin.
IOUTB1
61
O
B-Channel DAC current output. See the IOUTA1 description above.
IOUTB2
60
O
B-Channel DAC complementary current output. See the IOUTA2 description above.
IOVDD
9
I
Digital I/O supply voltage (3.3V) for pins RESETB, SCLK, SDENB, SDIO, SDO.
PLL loop filter connection. If not using the clock multiplying PLL, the LPF pin may be left open. Set both
LPF
64
I
PLL_bypass and PLL_sleep control bits for reduced power dissipation.
RESETB
49
I
Resets the chip when low. Internal pull-up.
SCLK
47
I
Serial interface clock. Internal pull-down.
SDENB
48
I
Active low serial data enable, always an input to the DAC5682Z. Internal pull-up.
Bi-directional serial interface data in 3-pin mode (default). In 4-pin interface mode (CONFIG5 sif4), the SDIO
SDIO
46
I/O
pin is an input only. Internal pull-down.
Uni-directional serial interface data in 4-pin mode (CONFIG5 sif4). The SDO pin is in high-impedance state
SDO
45
O
in 3-pin interface mode (default), but can optionally be used as a status output pin via CONFIG14
SDO_func_sel(2:0). Internal pull-down.
LVDS SYNC positive input data. The SYNCP/N LVDS pair has an internal 100
Ω termination resistor. By
SYNCP
5
I
default, the SYNCP/N input must be logic ‘1’ to enable a DAC analog output. See the LVDS SYNCP/N
Operation paragraph for a detailed description.
SYNCN
6
I
LVDS SYNC negative input data.
Digital supply voltage. (1.8V) Connect to DVDD pins for normal operation. This supply pin is also used for
VFUSE
44
I
factory fuse programming.
4
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): DAC5682Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com