Electronic Components Datasheet Search
  English  ▼

X  

DAC5682Z Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5682Z
Description  16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5682Z Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC5682Z Datasheet HTML 4Page - Texas Instruments DAC5682Z Datasheet HTML 5Page - Texas Instruments DAC5682Z Datasheet HTML 6Page - Texas Instruments DAC5682Z Datasheet HTML 7Page - Texas Instruments DAC5682Z Datasheet HTML 8Page - Texas Instruments DAC5682Z Datasheet HTML 9Page - Texas Instruments DAC5682Z Datasheet HTML 10Page - Texas Instruments DAC5682Z Datasheet HTML 11Page - Texas Instruments DAC5682Z Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
ELECTRICAL CHARACTERISTICS — AC SPECIFICATION
(1)
DAC5682Z
SLLS853C – AUGUST 2007 – REVISED JUNE 2009 ........................................................................................................................................................ www.ti.com
Over recommended operating free-air temperature range, AVDD, IOVDD = 3.3 V, CLKVDD, DVDD = 1.8 V, IOUTFS = 20 mA,
4:1 transformer output termination, 50
Ω doubly terminated load (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG OUTPUT
Maximum output update
fCLK
1000
MSPS
rate
Output settling time to
Transition: Code 0x0000 to 0xFFFF
ts(DAC)
10.4
ns
0.1%
tpd
Output propagation delay
2.5
ns
Output rise time 10% to
tr(IOUT)
220
ps
90%
Output fall time 90% to
tf(IOUT)
220
ps
10%
No interpolation, PLL Off
78
DAC
Digital latency
x2 interpolation, PLL Off
163
clock
cycles
x4 interpolation, PLL Off
308
IOUT current settling to 1% of IOUTFS.
DAC wake-up time
80
Measured from SDENB; Register 0x06, toggle Bit 4 from 1 to 0.
Power-
µs
up time
IOUT current settling to 1% of IOUTFS.
DAC sleep time
80
Measured from SDENB; Register 0x06, toggle Bit 4 from 0 to 1.
AC PERFORMANCE
1X1, PLL off, CLKIN = 500 MHz, DACA on, IF = 5.1 MHz,
81
First Nyquist Zone < fDATA/2
Spurious free dynamic
2X2, PLL off, CLKIN = 1000 MHz, DACA and DACB on,
SFDR
80
dBc
range
IF = 5.1 MHz, First Nyquist Zone < fDATA/2
2X2, PLL off, CLKIN = 1000 MHz, DACA and DACB on,
77
IF = 20.1 MHz, First Nyquist Zone < fDATA/2
2X2, PLL off, CLKIN = 500 MHZ, DACA and DACB on, Single
75
tone, 0 dBFS, IF = 20.1 MHz
2X2, PLL off, CLKIN = 1000 MHZ, DACA and DACB on, Single
70
tone, 0 dBFS, IF = 20.1 MHz
2X2, PLL off, CLKIN = 1000 MHZ, DACA and DACB on, Single
66
tone, 0 dBFS, IF = 70.1 MHz
SNR
Signal-to-noise ratio
dBc
2X4, PLL off, CLKIN = 1000 MHZ, DACA and DACB on, Single
60
tone, 0 dBFS, IF = 180 MHz
2X2 CMIX, PLL off, CLKIN = 1000 MHZ, DACA and DACB on,
60
Single tone, 0 dBFS, IF = 300.2 MHz
2X2, PLL off, CLKIN = 1000 MHZ, DACA and DACB on, Four
73
tone, each -12 dBFS, IF = 24.7, 24.9, 25.1 and 25.3 MHz
2X2, PLL off, CLKIN = 1000 MHZ, DACA and DACB on,
88
IF = 20.1 and 21.1 MHz
Third-order two-tone
2X2, PLL off, CLKIN = 1000 MHZ, DACA and DACB on,
IMD3
intermodulation
75
dBc
IF = 70.1 and 71.1 MHz
(each tone at –6 dBFS)
2X2 CMIX, PLL off, CLKIN = 1000 MHZ, DACA and DACB on,
67
IF = 150.1 and 151.1 MHz
Four-tone intermodulation
2X2 CMIX, PLL off, CLKIN = 1000 MHz, DACA and DACB on,
IMD
64
dBc
(each tone at –12 dBFS)
fOUT = 298.4, 299.2, 300.8 and 301.6 MHz
(1)
Measured single-ended into 50
Ω load.
8
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): DAC5682Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com