Electronic Components Datasheet Search
  English  ▼

X  

DAC5682Z Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5682Z
Description  16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5682Z Datasheet(HTML) 29 Page - Texas Instruments

Back Button DAC5682Z Datasheet HTML 25Page - Texas Instruments DAC5682Z Datasheet HTML 26Page - Texas Instruments DAC5682Z Datasheet HTML 27Page - Texas Instruments DAC5682Z Datasheet HTML 28Page - Texas Instruments DAC5682Z Datasheet HTML 29Page - Texas Instruments DAC5682Z Datasheet HTML 30Page - Texas Instruments DAC5682Z Datasheet HTML 31Page - Texas Instruments DAC5682Z Datasheet HTML 32Page - Texas Instruments DAC5682Z Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
DAC5682Z
www.ti.com ........................................................................................................................................................ SLLS853C – AUGUST 2007 – REVISED JUNE 2009
Register name: CONFIG14 – Address: 0x0E, Default = 0x00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SDO_func_sel(2:0)
OffsetB(12:8)
0
0
0
0
0
0
0
0
SDO_func_sel(2:0):
Selects the signal for output on the SDO pin. When using the 3 pin serial interface
mode, this allows the user to multiplex several status indicators onto the SDO pin. In 4
pin serial interface mode, programming this register to view one of the 5 available status
indicators will override normal SDO serial interface operation.
SDO_func_sel
Output to SDO
(2:0)
000, 110, 111
Normal SDO function
001
PLL_lock
010
DLL_lock
011
Pattern_err
100
FIFO_err
101
SLFTST_err
OffsetB(12:8):
Upper 5 bits of the offset adjustment value for the B data path. (SYNCED via Offset_sync)
Register name: CONFIG15 – Address: 0x0F, Default = 0x00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OffsetB(7:0)
0
0
0
0
0
0
0
0
OffsetB(7:0):
Lower 8 bits of the offset adjustment value for the B data path. (SYNCED via Offset_sync)
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): DAC5682Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com