Electronic Components Datasheet Search
  English  ▼

X  

DAC5682Z Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5682Z
Description  16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5682Z Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC5682Z Datasheet HTML 19Page - Texas Instruments DAC5682Z Datasheet HTML 20Page - Texas Instruments DAC5682Z Datasheet HTML 21Page - Texas Instruments DAC5682Z Datasheet HTML 22Page - Texas Instruments DAC5682Z Datasheet HTML 23Page - Texas Instruments DAC5682Z Datasheet HTML 24Page - Texas Instruments DAC5682Z Datasheet HTML 25Page - Texas Instruments DAC5682Z Datasheet HTML 26Page - Texas Instruments DAC5682Z Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
DAC5682Z
www.ti.com ........................................................................................................................................................ SLLS853C – AUGUST 2007 – REVISED JUNE 2009
Register name: CONFIG3 – Address: 0x03, Default = 0x70
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DAC_offset
SLFTST_err
FIFO_err_
Pattern_err_
SwapAB_out
B_equals_A
SW_sync
SW_sync_sel
_mask
mask
mask
_ena
0
1
1
1
0
0
0
0
DAC_offset_ena:
When set, the values of OffsetA(12:0) and OffsetB(12:0) in CONFIG12 through
CONFIG15 registers are summed into the DAC-A and DAC-B data paths. This provides
a system-level offset adjustment capability that is independent of the input data.
SLFTST_err_mask:
When set, masks out the SLFTST_err bit in STATUS4 register. Refer to Digital Self
Test Mode section for details on SLFTST operation.
FIFO_err_mask:
When set, masks out the FIFO_err bit in STATUS4 register.
Pattern_err_mask:
When set, masks out the Pattern err bit in STATUS4 register.
SwapAB_out:
When set, the A/B data paths are swapped prior to routing to the DAC-A and DAC-B
outputs.
B_equals_A:
When set, the data routed to DAC-A is also routed to DAC-B. This allows wire OR’ing of
the two DAC outputs together at the board level to create a 2X drive strength single
DAC output.
SW_sync:
This bit can be used as a substitute for the LVDS external SYNC input pins for both
synchronization and transmit enable control.
SW_sync_sel:
When set, the SW_sync bit is used as the only synchronization input and the LVDS
external SYNC input pins are ignored.
Register name: STATUS4 – Address: 0x04, Default = 0x00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Unused
SLFTST_err
FIFO_err
Pattern_err
Unused
Unused
Unused
Unused
0
0
0
0
0
0
0
0
SLFTST_err:
Asserted when the Digital Self Test (SLFTST) fails. To clear the error, write a ‘0’ to this
register bit. This bit is also output on the SDO pin when the Self Test is enabled via
SLFTST_ena control bit in CONFIG1. Refer to Digital Self Test Mode section for details on
SLFTST operation.
FIFO_err:
Asserted when the FIFO pointers over run each other causing a sample to be missed. To
clear the error, write a ‘0’ to this register bit.
Pattern_err:
A digital checkerboard pattern compare function is provided for board level confidence
testing and DLL limit checks. If the Pattern_err_mask bit via CONFIG3 is cleared, logic is
enabled to continuously monitor input FIFO data. Any received data pattern other than
0xAAAA or 0x5555 causes this bit to be set. To clear the error, flush out the previous
pattern error by inputting at least 8 samples of the 0xAAAA and/or 0x5555, then write a ‘0’
to this register bit.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): DAC5682Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com