Electronic Components Datasheet Search
  English  ▼

X  

DAC5682Z Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5682Z
Description  16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5682Z Datasheet(HTML) 5 Page - Texas Instruments

  DAC5682Z Datasheet HTML 1Page - Texas Instruments DAC5682Z Datasheet HTML 2Page - Texas Instruments DAC5682Z Datasheet HTML 3Page - Texas Instruments DAC5682Z Datasheet HTML 4Page - Texas Instruments DAC5682Z Datasheet HTML 5Page - Texas Instruments DAC5682Z Datasheet HTML 6Page - Texas Instruments DAC5682Z Datasheet HTML 7Page - Texas Instruments DAC5682Z Datasheet HTML 8Page - Texas Instruments DAC5682Z Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
ABSOLUTE MAXIMUM RATINGS
THERMAL CHARACTERISTICS
DAC5682Z
www.ti.com ........................................................................................................................................................ SLLS853C – AUGUST 2007 – REVISED JUNE 2009
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
DVDD(2)
–0.5 to 2.3
V
VFUSE(2)
–0.5 to 2.3
V
Supply voltage range
CLKVDD(2)
–0.5 to 2.3
V
AVDD(2)
–0.5 to 4
V
IOVDD(2)
–0.5 to 4
V
AVDD to DVDD
–2 to 2.6
V
CLKVDD to DVDD
–0.5 to 0.5
V
IOVDD to AVDD
–0.5 to 0.5
V
D[15..0]P ,D[15..0]N, SYNCP, SYNCN (2)
–0.5 to DVDD + 0.5
V
Supply voltage range
DCLKP, DCLKN(2)
–0.3 to 2.1
V
CLKIN, CLKINC(2)
–0.5 to CLKVDD + 0.5
V
SDO, SDIO, SCLK, SDENB, RESETB (2)
–0.5 to IOVDD + 0.5
V
IOUTA1/B1, IOUTA2/B2 (2)
–0.5 to AVDD + 0.5
V
LPF, EXTIO, EXTLO, BIASJ(2)
–0.5 to AVDD + 0.5
V
Peak input current (any input)
20
mA
Peak total input current (all inputs)
–30
mA
Operating free-air temperature range, TA: DAC5682Z
–40 To 85
°C
Storage temperature range
–65 To 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of these or any other conditions beyond those indicated under recommended operating conditions is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Measured with respect to GND.
over operating free-air temperature range (unless otherwise noted)
THERMAL CONDUCTIVITY
64ld QFN
UNIT
TJ
Maximum junction temperature (1)
125
°C
Theta junction-to-ambient (still air)
22
θ
JA
°C/W
Theta junction-to-ambient (150 lfm)
16
θ
JC
Theta junction-to-case
0.2
°C/W
θ
JP
Theta junction-to-pad
3.5
°C/W
(1)
Air flow or heat sinking reduces
θ
JA and may be required for sustained operation at 85° under maximum operating conditions.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DAC5682Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com