Electronic Components Datasheet Search
  English  ▼

X  

DAC5682Z Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5682Z
Description  16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5682Z Datasheet(HTML) 22 Page - Texas Instruments

Back Button DAC5682Z Datasheet HTML 18Page - Texas Instruments DAC5682Z Datasheet HTML 19Page - Texas Instruments DAC5682Z Datasheet HTML 20Page - Texas Instruments DAC5682Z Datasheet HTML 21Page - Texas Instruments DAC5682Z Datasheet HTML 22Page - Texas Instruments DAC5682Z Datasheet HTML 23Page - Texas Instruments DAC5682Z Datasheet HTML 24Page - Texas Instruments DAC5682Z Datasheet HTML 25Page - Texas Instruments DAC5682Z Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
DAC5682Z
SLLS853C – AUGUST 2007 – REVISED JUNE 2009 ........................................................................................................................................................ www.ti.com
Register name: CONFIG2 – Address: 0x02, Default = 0xC0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Twos_comp
dual_DAC
FIR2x4x
Unused
CMIX1_mode(1:0)
CMIX0_mode(1:0)
1
1
0
0
0
0
0
0
Twos_comp:
When set (default) the input data format is expected to be 2’s complement, otherwise
offset binary format is expected.
dual_DAC:
Selects between dual DAC mode (default) and single DAC mode. This bit is also used
to select input interleaved data.
FIR2x4x:
When set, 4X interpolation of the input data is performed, otherwise 2X interpolation.
CMIX1_mode(1:0):
Determines the mode of FIR1 and final CMIX1 blocks. Settings apply to both A and B
channels. Refer to Table 8 for a detailed description of CMIX1 modes.
Mode
CMIX1_mode(1)
CMIX1_mode(0)
Normal (Low Pass)
0
0
High Pass
0
1
+FDAC /4
1
0
–FDAC/4
1
1
CMIX0_mode(1:0): Determines the mode of FIR0 and CMIX0 blocks. Since CMIX0 is located between FIR0
and FIR1, its output is half-rate. Refer to Table 7 for a detailed description of CMIX0
modes. The table below shows the effective Fs/4 or ±Fs/8 mixing with respect to the final
DAC sample rate. Settings apply to both A and B channels.
Mode
CMIX1_mode(1)
CMIX1_mode(0)
Normal (Low Pass)
0
0
High Pass
0
1
+FDAC /8
1
0
–FDAC/8
1
1
22
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): DAC5682Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com