Electronic Components Datasheet Search
  English  ▼

X  

DAC5682Z Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5682Z
Description  16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5682Z Datasheet(HTML) 1 Page - Texas Instruments

  DAC5682Z Datasheet HTML 1Page - Texas Instruments DAC5682Z Datasheet HTML 2Page - Texas Instruments DAC5682Z Datasheet HTML 3Page - Texas Instruments DAC5682Z Datasheet HTML 4Page - Texas Instruments DAC5682Z Datasheet HTML 5Page - Texas Instruments DAC5682Z Datasheet HTML 6Page - Texas Instruments DAC5682Z Datasheet HTML 7Page - Texas Instruments DAC5682Z Datasheet HTML 8Page - Texas Instruments DAC5682Z Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
DAC5682Z
www.ti.com ........................................................................................................................................................ SLLS853C – AUGUST 2007 – REVISED JUNE 2009
16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL
DIGITAL-TO-ANALOG CONVERTER (DAC)
• 16-Bit Digital-to-Analog Converter (DAC)
• 1.0 GSPS Update Rate
The DAC5682Z is a dual-channel 16-bit 1.0 GSPS
digital-to-analog
converter
(DAC)
with
wideband
• 16-Bit Wideband Input LVDS Data Bus
LVDS data input, integrated 2x/4x interpolation filters,
–
8 Sample Input FIFO
on-board
clock
multiplier
and
internal
voltage
–
Interleaved I/Q data for Dual-DAC Mode
reference. The DAC5682Z offers superior linearity,
noise, crosstalk and PLL phase noise performance.
• High Performance
–
73 dBc ACLR WCDMA TM1 at 180 MHz
The DAC5682Z integrates a wideband LVDS port
with on-chip termination. Full-rate input data can be
• 2x-32x Clock Multiplying PLL/VCO
transferred to a single DAC channel, or half-rate and
• 2x or 4x Interpolation Filters
1/4-rate input data can be interpolated by on-board
–
Stopband Transition 0.4–0.6 Fdata
2x or 4x FIR filters. Each interpolation FIR is
configurable in either Low-Pass or High-Pass mode,
–
Filters Configurable in Either Low-Pass or
allowing selection of a higher order output spectral
High-Pass Mode
image. An on-chip delay lock loop (DLL) simplifies
–
Allows Selection of Higher Order Image
LVDS interfacing by providing skew control for the
• Fs/4 Coarse Mixer
LVDS input data clock.
• On Chip 1.2 V Reference
The DAC5682Z allows both complex or real output.
• Differential Scalable Output: 2 to 20 mA
An optional Fs/4 coarse mixer in complex mode
provides coarse frequency upconversion and the dual
• Package: 64-Pin 9 × 9 mm QFN
DAC output produces a complex Hilbert Transform
pair. An external RF quadrature modulator then
performs the final single sideband up-conversion.
• Cellular Base Stations
The DAC5682Z is characterized for operation over
• Broadband Wireless Access (BWA)
the industrial temperature range of –40°C to 85°C
• WiMAX 802.16
and is available in a 64-pin QFN package. Other
• Fixed Wireless Backhaul
single-channel members of the family include the
interpolating
DAC5681Z
and
non-interpolating
• Cable Modem Termination System (CMTS)
DAC5681.
ORDERING INFORMATION
TA
ORDER CODE
PACKAGE DRAWING/TYPE(1)(2)(3)
TRANSPORT MEDIA
QUANTITY
DAC5682ZIRGCT
Tape and Reel
250
RGC / 64QFN Quad Flatpack
–40°C to 85°C
No-Lead
DAC5682ZIRGCR
Tape and Reel
2000
(1)
Thermal Pad Size: 7,4 mm × 7,4 mm
(2)
MSL Peak Temperature: Level-3-260C-168 HR
(3)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC5682Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5682Z TI-DAC5682Z Datasheet
2Mb / 56P
16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI1-DAC5682Z Datasheet
3Mb / 66P
16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
DAC5682ZIRGC TI1-DAC5682ZIRGC Datasheet
3Mb / 66P
16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
DAC5682ZIRGCR TI-DAC5682ZIRGCR Datasheet
2Mb / 56P
16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682ZIRGCR TI1-DAC5682ZIRGCR Datasheet
3Mb / 66P
16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
More results

Similar Description - DAC5682Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5682Z TI-DAC5682Z Datasheet
2Mb / 56P
16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI-DAC5681Z Datasheet
379Kb / 8P
16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5681 TI-DAC5681 Datasheet
1Mb / 47P
16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5681 TI-DAC5681_15 Datasheet
1Mb / 48P
16-BIT, 1.0 GSPS Digital-to-Analog Converter (DAC)
DAC5681Z TI-DAC5681Z_15 Datasheet
2Mb / 58P
16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI-DAC5682Z_15 Datasheet
3Mb / 66P
DAC5682Z 16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
DAC5682Z TI1-DAC5682Z_17 Datasheet
3Mb / 66P
16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com