Electronic Components Datasheet Search
  English  ▼

X  

DAC5682Z Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5682Z
Description  16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5682Z Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC5682Z Datasheet HTML 6Page - Texas Instruments DAC5682Z Datasheet HTML 7Page - Texas Instruments DAC5682Z Datasheet HTML 8Page - Texas Instruments DAC5682Z Datasheet HTML 9Page - Texas Instruments DAC5682Z Datasheet HTML 10Page - Texas Instruments DAC5682Z Datasheet HTML 11Page - Texas Instruments DAC5682Z Datasheet HTML 12Page - Texas Instruments DAC5682Z Datasheet HTML 13Page - Texas Instruments DAC5682Z Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
DAC5682Z
SLLS853C – AUGUST 2007 – REVISED JUNE 2009 ........................................................................................................................................................ www.ti.com
ELECTRICAL CHARACTERISTICS (DIGITAL SPECIFICATIONS) (continued)
over recommended operating free-air temperature range, AVDD, IOVDD = 3.3V, CLKVDD, DVDD = 1.8V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Positive
1000
DCLKP/N = 150 MHz
Negative
–1800
Positive
800
DCLKP/N = 200 MHz
Negative
–1300
Positive
600
DCLKP/N = 250 MHz
Negative
–1000
Positive
450
DLL Enabled,
DCLKP/N = 300 MHz
Negative
–800
tSKEW(A),
CONFIG5
DCLK to Data Skew(2)
ps
tSKEW(B)
DLL_bypass = 0,
Positive
400
DCLKP/N = 350 MHz
DDR format
Negative
–700
Positive
300
DCLKP/N = 400 MHz
Negative
–600
Positive
300
DCLKP/N = 450 MHz
Negative
–500
Positive
350
DCLKP/N = 500 MHz
Negative
–300
DLL Disabled, CONFIG5 DLL_bypass = 1, DDR format,
250
DCLKP frequency: <125 MHz
Input
fDATA
MSPS
data rate supported
DLL Enabled, CONFIG5 DLL_bypass = 0, DDR format,
250
1000
DCLKP frequency: 125 to 500 MHz
CONFIG10 = '11001101' = 0xCD
125
150
DLL Enabled,
CONFIG10 = '11001110' = 0xCE
150
175
DLL Operating Frequency
CONFIG5
CONFIG10 = '11001111' = 0xCF
175
200
MHz
(DCLKP/N Frequency)
DLL_bypass = 0,
CONFIG10 = '11001000' = 0xC8
200
325
DDR format
CONFIG10 = '11000000' = 0xC0
325
500
CMOS INTERFACE: SDO, SDIO, SCLK, SDENB, RESETB
VIH
High-level input voltage
2
3
V
VIL
Low-level input voltage
0
0
0.8
V
IIH
High-level input current
±20
µA
IIL
Low-level input current
±20
µA
CI
CMOS Input capacitance
5
pF
IOVDD
Iload = –100 µA
V
–0.2
VOH
SDO, SDIO
0.8
Iload = –2mA
V
x IOVDD
Iload = 100 µA
0.2
V
VOL
SDO, SDIO
Iload = 2 mA
0.5
V
Setup time, SDENB to
ts(SDENB)
20
ns
rising edge of SCLK
Setup time, SDIO valid to
ts(SDIO)
10
ns
rising edge of SCLK
Hold time, SDIO valid to
th(SDIO)
5
ns
rising edge of SCLK
t(SCLK)
Period of SCLK
100
ns
t(SCLKH)
High time of SCLK
40
ns
t(SCLKL)
Low time of SCLK
40
ns
(2)
Positive skew: Clock ahead of data.
Negative skew: Data ahead of clock.
10
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): DAC5682Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com