Electronic Components Datasheet Search
  English  ▼

X  

DAC5682Z Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5682Z
Description  16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5682Z Datasheet(HTML) 32 Page - Texas Instruments

Back Button DAC5682Z Datasheet HTML 28Page - Texas Instruments DAC5682Z Datasheet HTML 29Page - Texas Instruments DAC5682Z Datasheet HTML 30Page - Texas Instruments DAC5682Z Datasheet HTML 31Page - Texas Instruments DAC5682Z Datasheet HTML 32Page - Texas Instruments DAC5682Z Datasheet HTML 33Page - Texas Instruments DAC5682Z Datasheet HTML 34Page - Texas Instruments DAC5682Z Datasheet HTML 35Page - Texas Instruments DAC5682Z Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
FIR FILTERS
DAC5682Z
SLLS853C – AUGUST 2007 – REVISED JUNE 2009 ........................................................................................................................................................ www.ti.com
Figure 29 shows the magnitude spectrum response for the identical 47-tap FIR0 and FIR1 filters. The transition
band is from 0.4 to 0.6 × FIN (the input data rate for the FIR filter) with <0.002 dB of pass-band ripple and
approximately 76dB of stop-band attenuation. Figure 30 shows the region from 0.35 to 0.45 × FIN – up to 0.44x
FIN there is less than 0.4 dB attenuation. The composite spectrum for x4 interpolation mode, the cascaded
response of FIR0 and FIR1, is shown in Figure 31. The filter taps for both FIR0 and FIR1 are listed in Table 5.
Figure 29. Magnitude Spectrum for FIR0 and FIR1
Figure 30. FIR0 and FIR1 Transition Band
Figure 31. Magnitude Composite Spectrum for 4x Interpolation Mode
32
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): DAC5682Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com