Electronic Components Datasheet Search
  English  ▼

X  

DAC5682Z Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5682Z
Description  16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5682Z Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC5682Z Datasheet HTML 2Page - Texas Instruments DAC5682Z Datasheet HTML 3Page - Texas Instruments DAC5682Z Datasheet HTML 4Page - Texas Instruments DAC5682Z Datasheet HTML 5Page - Texas Instruments DAC5682Z Datasheet HTML 6Page - Texas Instruments DAC5682Z Datasheet HTML 7Page - Texas Instruments DAC5682Z Datasheet HTML 8Page - Texas Instruments DAC5682Z Datasheet HTML 9Page - Texas Instruments DAC5682Z Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
ELECTRICAL CHARACTERISTICS — DC SPECIFICATION
DAC5682Z
SLLS853C – AUGUST 2007 – REVISED JUNE 2009 ........................................................................................................................................................ www.ti.com
over operating free-air temperature range , AVDD = 3.3 V, CLKVDD = 1.8 V, IOVDD = 3.3 V, DVDD = 1.8 V, IoutFS = 20 mA
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
16
Bits
DC ACCURACY(1)
INL
Integral nonlinearity
1 LSB = IOUTFS/216
±4
LSB
DNL
Differential nonlinearity
±2
ANALOG OUTPUT
Course gain linearity
±0.04
LSB
Offset error
Mid code offset
0.01
%FSR
Gain error
With external reference
1
%FSR
Gain error
With internal reference
0.7
%FSR
Gain mismatch
With internal reference, dual DAC
–2
2
%FSR
Minimum full scale output current(2)
2
mA
Maximum full scale output current(2)
20
AVDD
AVDD
V
Output Compliance range(3)
IOUTFS = 20 mA
–0.5V
+ 0.5V
Output resistance
300
k
Ω
Output capacitance
5
pF
REFERENCE OUTPUT
Vref
Reference voltage
1.14
1.2
1.26
V
Reference output current(4)
100
nA
REFERENCE INPUT
VEXTIO
Input voltage range
0.1
1.25
V
Input resistance
1
M
Ω
CONFIG6: BiasLPF_A and BiasLPF_B = 0
95
Small signal bandwidth
kHz
CONFIG6: BiasLPF_A and BiasLPF_B = 1
472
Input capacitance
100
pF
TEMPERATURE COEFFICIENTS
ppm of
Offset drift
±1
FSR/°C
With external reference
±15
ppm of
Gain drift
FSR/°C
With internal reference
±30
Reference voltage drift
±8
ppm/°C
POWER SUPPLY
Analog supply voltage, AVDD
3.0
3.3
3.6
V
Digital supply voltage, DVDD
1.7
1.8
1.9
V
Clock supply voltage, CLKVDD
1.7
1.8
1.9
V
I/O supply voltage, IOVDD
3.0
3.3
3.6
V
I(AVDD)
Analog supply current
133
mA
I(DVDD)
Digital supply current
455
mA
Mode 4 (below)
I(CLKVDD)
Clock supply current
45
mA
I(IOVDD)
IO supply current
12
mA
(1)
Measured differential across IOUTA1 and IOUTA2 or IOUTB1 and IOUTB2 with 25
Ω each to AVDD.
(2)
Nominal full-scale current, IoutFS, equals 16 × IBIAS current.
(3)
The lower limit of the output compliance is determined by the CMOS process. Exceeding this limit may result in transistor breakdown,
resulting in reduced reliability of the DAC5682Z device. The upper limit of the output compliance is determined by the load resistors and
full-scale output current. Exceeding the upper limit adversely affects distortion performance and integral nonlinearity.
(4)
Use an external buffer amplifier with high impedance input to drive any external load.
6
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): DAC5682Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com