Electronic Components Datasheet Search
  English  ▼

X  

DAC5682Z Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5682Z
Description  16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5682Z Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC5682Z Datasheet HTML 3Page - Texas Instruments DAC5682Z Datasheet HTML 4Page - Texas Instruments DAC5682Z Datasheet HTML 5Page - Texas Instruments DAC5682Z Datasheet HTML 6Page - Texas Instruments DAC5682Z Datasheet HTML 7Page - Texas Instruments DAC5682Z Datasheet HTML 8Page - Texas Instruments DAC5682Z Datasheet HTML 9Page - Texas Instruments DAC5682Z Datasheet HTML 10Page - Texas Instruments DAC5682Z Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
DAC5682Z
www.ti.com ........................................................................................................................................................ SLLS853C – AUGUST 2007 – REVISED JUNE 2009
ELECTRICAL CHARACTERISTICS — DC SPECIFICATION (continued)
over operating free-air temperature range , AVDD = 3.3 V, CLKVDD = 1.8 V, IOVDD = 3.3 V, DVDD = 1.8 V, IoutFS = 20 mA
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(AVDD)
Sleep mode, AVDD supply current
1.0
mA
I(DVDD)
Sleep mode, DVDD supply current
1.5
mA
Mode 6 (below)
Sleep mode, CLKVDD supply
I(CLKVDD)
2.5
mA
current
I(IOVDD)
Sleep mode, IOVDD supply current
2.0
mA
AVDD + IOVDD current, 3.3V
Mode 1: 2X2, PLL = OFF, CLKIN = 983.04 MHz
135
mA
FDAC = 983.04MHz, IF = 184.32 MHz
DVDD + CLKVDD current, 1.8V
450
mA
DACA and DACB ON, 4 carrier WCDMA
Power Dissipation
1255
mW
AVDD + IOVDD current, 3.3V
Mode 2: 2X2, PLL = ON (8X), CLKIN = 122.88
145
mA
MHz
DVDD + CLKVDD current, 1.8V
485
mA
FDAC = 983.04MHz, IF = 184.32 MHz
1350
Power Dissipation
mW
DACA and DACB ON, 4 carrier WCDMA
AVDD + IOVDD current, 3.3V
Mode 3: 2X4, CMIX0 = Fs/4, PLL = OFF, CLKIN =
135
mA
983.04 MHz
DVDD + CLKVDD current, 1.8V
480
mA
FDAC = 983.04MHz, IF = 215.04 MHz
1310
Power Dissipation
mW
DACA and DACB ON, 4 carrier WCDMA
P
AVDD + IOVDD current, 3.3V
Mode 4: 2X4, CMIX0 = Fs/4, PLL = ON (8X),
145
mA
CLKIN = 122.88 MHz
DVDD + CLKVDD current, 1.8V
505
mA
FDAC = 983.04MHz, IF = 215.04 MHz
1400
1600
Power Dissipation
mW
DACA and DACB ON, 4 carrier WCDMA
AVDD + IOVDD current, 3.3V
Mode 5: 2X2, CMIX0 = Fs/4, PLL = OFF, CLKIN =
5
mA
983.04 MHz
DVDD + CLKVDD current, 1.8V
185
mA
FDAC = 983.04MHz, Digital Logic Disabled
350
Power Dissipation
mW
DACA and DACB SLEEP, Static Data Pattern
AVDD + IOVDD current, 3.3V
Mode 6: 2X4, PLL = OFF, CLKIN = OFF
3.0
mA
FDAC = OFF, Digital Logic Disabled
DVDD + CLKVDD current, 1.8V
4.0
mA
DACA and DACB = SLEEP, Static Data Pattern
Power Dissipation
17.0
30.0
mW
PSRR
Power supply rejection ratio
DC tested
–0.2
0.2
%FSR/V
T
Operating range
–40
85
°C
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DAC5682Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com