Electronic Components Datasheet Search
  English  ▼

X  

DAC5682Z Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5682Z
Description  16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5682Z Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC5682Z Datasheet HTML 5Page - Texas Instruments DAC5682Z Datasheet HTML 6Page - Texas Instruments DAC5682Z Datasheet HTML 7Page - Texas Instruments DAC5682Z Datasheet HTML 8Page - Texas Instruments DAC5682Z Datasheet HTML 9Page - Texas Instruments DAC5682Z Datasheet HTML 10Page - Texas Instruments DAC5682Z Datasheet HTML 11Page - Texas Instruments DAC5682Z Datasheet HTML 12Page - Texas Instruments DAC5682Z Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
ELECTRICAL CHARACTERISTICS (DIGITAL SPECIFICATIONS)
DAC5682Z
www.ti.com ........................................................................................................................................................ SLLS853C – AUGUST 2007 – REVISED JUNE 2009
ELECTRICAL CHARACTERISTICS — AC SPECIFICATION (continued)
Over recommended operating free-air temperature range, AVDD, IOVDD = 3.3 V, CLKVDD, DVDD = 1.8 V, IOUTFS = 20 mA,
4:1 transformer output termination, 50
Ω doubly terminated load (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Single carrier, baseband, 2X2, PLL off, CLKIN = 983.04 MHz,
80
83
DACA and DACB on
Single carrier, IF = 180 MHz, 2X2, PLL off,
73
CLKIN = 983.04 MHz, DACA and DACB on
Adjacent channel leakage
ACLR(2)
dBc
ratio
Four carrier, IF = 180 MHz, 2X2 CMIX, PLL off,
68
CLKIN = 983.04 MHz, DACA and DACB on
Four carrier, IF = 275 MHz, 2X2 CMIX, PLL off,
66
CLKIN = 983.04 MHz, DACA and DACB on
50-MHz offset, 1-MHz BW, Single Carrier, baseband, 2X2, PLL
93
off, CLKIN = 983.04
Noise floor(3)
dBc
50-MHz offset, 1-MHz BW, Four Carrier, baseband, 2X2, PLL off,
85
CLKIN = 983.04.
(2)
W-CDMA with 3.84 MHz BW, 5-MHz spacing, centered at IF. TESTMODEL 1, 10 ms
(3)
Carrier power measured in 3.84 MHz BW.
over recommended operating free-air temperature range, AVDD, IOVDD = 3.3V, CLKVDD, DVDD = 1.8V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVDS INTERFACE: D[15:0]P/N , SYNCP/N, DCLKP/N(1)
Logic high differential
VA,B+
175
mV
input voltage threshold
Logic low differential input
VA,B–
–175
mV
voltage threshold
VCOM1
Input Common Mode
SYNCP/N, D[15:0]P/N only
1.0
V
DCLKP/N only
DVDD
VCOM2
Input Common Mode
V
÷2
ZT
Internal termination
SYNCP/N, D[15:0]P/N only
85
110
135
Ω
CL
LVDS Input capacitance
2
pF
DCLKP/N: 0 to 125MHz (see Figure 33) DLL Setup_min
1100
tS, tH
DCLK to Data
Disabled, CONFIG5 DLL_bypass = 1,
ps
Hold_min
–600
CONFIG10 = '00000000'
(1)
See LVDS INPUTS section for terminology.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): DAC5682Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com