Electronic Components Datasheet Search
  English  ▼

X  

E6000 Datasheet(PDF) 80 Page - Intel Corporation

Part # E6000
Description  Core2 Extreme Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E6000 Datasheet(HTML) 80 Page - Intel Corporation

Back Button E6000 Datasheet HTML 76Page - Intel Corporation E6000 Datasheet HTML 77Page - Intel Corporation E6000 Datasheet HTML 78Page - Intel Corporation E6000 Datasheet HTML 79Page - Intel Corporation E6000 Datasheet HTML 80Page - Intel Corporation E6000 Datasheet HTML 81Page - Intel Corporation E6000 Datasheet HTML 82Page - Intel Corporation E6000 Datasheet HTML 83Page - Intel Corporation E6000 Datasheet HTML 84Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 122 page
background image
Thermal Specifications and Design Considerations
80
Datasheet
The case temperature is defined at the geometric top center of the processor. Analysis
indicates that real applications are unlikely to cause the processor to consume
maximum power dissipation for sustained time periods. Intel recommends that
complete thermal solution designs target the Thermal Design Power (TDP) indicated in
Table 27 instead of the maximum processor power consumption. The Thermal Monitor
feature is designed to protect the processor in the unlikely event that an application
exceeds the TDP recommendation for a sustained periods of time. For more details on
the usage of this feature, refer to Section 5.2. In all cases the Thermal Monitor and
Thermal Monitor 2 feature must be enabled for the processor to remain within
specification.
Table 27.
Processor Thermal Specifications
Processor
Number
Core
Frequency
(GHz)
Thermal
Design
Power (W)1,2
NOTES:
1. Thermal Design Power (TDP) should be used for processor thermal solution design targets. The TDP is not the
maximum power that the processor can dissipate.
2.
This table shows the maximum TDP for a given frequency range. Individual processors may have a lower TDP.
Therefore, the maximum TC will vary depending on the TDP of the individual processor. Refer to thermal profile
figure and associated table for the allowed combinations of power and TC.
Extended
HALT
Power (W)3
3. Refer to the “Component Identification Information” section of the Intel® Core™2 Extreme Processor X6800 and
Intel® Core™2 Duo Desktop Processor E6000 and E4000 Sequence Specification Update for processor specific
Idle power.
775_VR_
CONFIG_05B/
06 Guidance4
4. 775_VR_CONFIG_06/775_VR_CONFIG_05B guidelines provide a design target for meeting future thermal
requirements.
Minimum
TC (°C)
Maximum
TC (°C)
Notes
E6850
3.00
65.0
8.0
775_VR_CONFIG_
06
5
See
Table 28,
Figure 20
5
5. Specification is at 35 °C TC and typical voltage loadline.
E6750
2.66
65.0
8.0
5
5
E6550
2.33
65.0
8.0
5
5
E6540
2.33
65.0
8.0
5
5
E6700
2.66
65.0
20.0/12.0
775_VR_CONFIG_
06
5
See
Table 29,
Figure 21
6
6.
Specification is at 50 °C TC and typical voltage loadline.
E6600
2.40
65.0
22.0/12.0
5
6
E6420
2.13
65.0
12.0
5
6
E6320
1.86
65.0
12.0
5
6
E4600
2.40
65.0
8.0
775_VR_CONFIG_
06
5
See
Table 30,
Figure 22
5
E4500
2.20
65.0
8.0
5
5
E4400
2.00
65.0
8.0
5
5, 7
7. These processors have CPUID = 06FDh.
E6400
2.13
65.0
22.0/12.0
775_VR_CONFIG_
06
5
See
Table 31,
Figure 23
6
E6300
1.86
65.0
22.0/12.0
5
6
E4400
2.00
65.0
12.0
5
6, 8
8. These processors have CPUID = 06F2h.
E4300
1.80
65.0
12.0
5
6
X6800
2.93
75.0
22.0
775_VR_CONFIG_
05B
5
See
Table 32,
Figure 24
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com