Electronic Components Datasheet Search
  English  ▼

X  

E6000 Datasheet(PDF) 28 Page - Intel Corporation

Part # E6000
Description  Core2 Extreme Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E6000 Datasheet(HTML) 28 Page - Intel Corporation

Back Button E6000 Datasheet HTML 24Page - Intel Corporation E6000 Datasheet HTML 25Page - Intel Corporation E6000 Datasheet HTML 26Page - Intel Corporation E6000 Datasheet HTML 27Page - Intel Corporation E6000 Datasheet HTML 28Page - Intel Corporation E6000 Datasheet HTML 29Page - Intel Corporation E6000 Datasheet HTML 30Page - Intel Corporation E6000 Datasheet HTML 31Page - Intel Corporation E6000 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 122 page
background image
Electrical Specifications
28
Datasheet
.
.
2.7.2
CMOS and Open Drain Signals
Legacy input signals such as A20M#, IGNNE#, INIT#, SMI#, and STPCLK# use CMOS
input buffers. All of the CMOS and Open Drain signals are required to be asserted/de-
asserted for at least four BCLKs in order for the processor to recognize the proper
signal state. See Section 2.7.3 for the DC. See Section 6.2 for additional timing
requirements for entering and leaving the low power states.
Table 10.
Signal Characteristics
Signals with RTT
Signals with No RTT
A[35:3]#, ADS#, ADSTB[1:0]#, BNR#, BPRI#,
D[63:0]#, DBI[3:0]#, DBSY#, DEFER#,
DRDY#, DSTBN[3:0]#, DSTBP[3:0]#, HIT#,
HITM#, LOCK#, PROCHOT#, REQ[4:0]#,
RS[2:0]#, TRDY#
A20M#, BCLK[1:0], BSEL[2:0],
COMP[8,3:0], IGNNE#, INIT#, ITP_CLK[1:0],
LINT0/INTR, LINT1/NMI, PWRGOOD,
RESET#, SMI#, STPCLK#, TESTHI[13:0],
VID[6:1], GTLREF[1:0], TCK, TDI, TMS,
TRST#, VTT_SEL, MSID[1:0]
Open Drain Signals1
NOTES:
1. Signals that do not have RTT, nor are actively driven to their high-voltage level.
THERMTRIP#, FERR#/PBE#, IERR#, BPM[5:0]#,
BR0#, TDO, FCx
Table 11.
Signal Reference Voltages
GTLREF
VTT/2
BPM[5:0]#, RESET#, BNR#, HIT#, HITM#, BR0#,
A[35:0]#, ADS#, ADSTB[1:0]#, BPRI#, D[63:0]#,
DBI[3:0]#, DBSY#, DEFER#, DRDY#, DSTBN[3:0]#,
DSTBP[3:0]#, LOCK#, REQ[4:0]#, RS[2:0]#,
TRDY#
A20M#, LINT0/INTR, LINT1/NMI,
IGNNE#, INIT#, PROCHOT#,
PWRGOOD1, SMI#, STPCLK#, TCK1,
TDI1, TMS1, TRST#1
NOTES:
1. These signals also have hysteresis added to the reference voltage. See Table 13 for more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com