Electronic Components Datasheet Search
  English  ▼

X  

E6000 Datasheet(PDF) 92 Page - Intel Corporation

Part # E6000
Description  Core2 Extreme Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E6000 Datasheet(HTML) 92 Page - Intel Corporation

Back Button E6000 Datasheet HTML 88Page - Intel Corporation E6000 Datasheet HTML 89Page - Intel Corporation E6000 Datasheet HTML 90Page - Intel Corporation E6000 Datasheet HTML 91Page - Intel Corporation E6000 Datasheet HTML 92Page - Intel Corporation E6000 Datasheet HTML 93Page - Intel Corporation E6000 Datasheet HTML 94Page - Intel Corporation E6000 Datasheet HTML 95Page - Intel Corporation E6000 Datasheet HTML 96Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 122 page
background image
Thermal Specifications and Design Considerations
92
Datasheet
5.4
Platform Environment Control Interface (PECI)
5.4.1
Introduction
PECI offers an interface for thermal monitoring of Intel processor and chipset
components. It uses a single wire, thus alleviating routing congestion issues. Figure 27
shows an example of the PECI topology in a system. PECI uses CRC checking on the
host side to ensure reliable transfers between the host and client devices. Also, data
transfer speeds across the PECI interface are negotiable within a wide range (2 Kbps to
2 Mbps). The PECI interface on the processor is disabled by default and must be
enabled through BIOS.
5.4.1.1
Key Difference with Legacy Diode-Based Thermal Management
Fan speed control solutions based on PECI uses a TCONTROL value stored in the
processor IA32_TEMPERATURE_TARGET MSR. The TCONTROL MSR uses the same offset
temperature format as PECI though it contains no sign bit. Thermal management
devices should infer the TCONTROL value as negative. Thermal management algorithms
should use the relative temperature value delivered over PECI in conjunction with the
TCONTROL MSR value to control or optimize fan speeds. Figure 28 shows a conceptual
fan control diagram using PECI temperatures.
The relative temperature value reported over PECI represents the delta below the onset
of thermal control circuit (TCC) activation as indicated by PROCHOT# assertions. As the
temperature approaches TCC activation, the PECI value approaches zero. TCC activates
at a PECI count of zero.
Figure 27.
Processor PECI Topology
PECI Host
Controller
Land G5
Domain 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com