Electronic Components Datasheet Search
  English  ▼

X  

E6000 Datasheet(PDF) 34 Page - Intel Corporation

Part # E6000
Description  Core2 Extreme Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E6000 Datasheet(HTML) 34 Page - Intel Corporation

Back Button E6000 Datasheet HTML 30Page - Intel Corporation E6000 Datasheet HTML 31Page - Intel Corporation E6000 Datasheet HTML 32Page - Intel Corporation E6000 Datasheet HTML 33Page - Intel Corporation E6000 Datasheet HTML 34Page - Intel Corporation E6000 Datasheet HTML 35Page - Intel Corporation E6000 Datasheet HTML 36Page - Intel Corporation E6000 Datasheet HTML 37Page - Intel Corporation E6000 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 122 page
background image
Electrical Specifications
34
Datasheet
2.7.9
BCLK[1:0] Specifications (CK410 based Platforms)
Table 19.
Front Side Bus Differential BCLK Specifications
Symbol
Parameter
Min
Typ
Max
Unit Figure Notes1
NOTES:
1. Unless otherwise noted, all specifications in this table apply to all processor frequencies.
VL
Input Low Voltage
-0.150
0.000
N/A
V
4
-
VH
Input High Voltage
0.660
0.700
0.850
V
4
-
VCROSS(abs)
Absolute Crossing
Point
0.250
N/A
0.550
V
4, 5
2, 3
2. Crossing voltage is defined as the instantaneous voltage value when the rising edge of BCLK0 equals the
falling edge of BCLK1.
3. The crossing point must meet the absolute and relative crossing point specifications simultaneously.
VCROSS(rel)
Relative Crossing
Point
0.250 +
0.5(VHavg – 0.700)
N/A
0.550 +
0.5(VHavg – 0.700)
V
4, 5
4, 3, 5
4. VHavg is the statistical average of the VH measured by the oscilloscope.
5. VHavg can be measured directly using “Vtop” on Agilent* oscilloscopes and “High” on Tektronix* oscilloscopes.
ΔVCROSS
Range of Crossing
Points
N/A
N/A
0.140
V
4, 5
-
VOS
Overshoot
N/A
N/A
VH + 0.3
V
4
6
6. Overshoot is defined as the absolute value of the maximum voltage.
VUS
Undershoot
-0.300
N/A
N/A
V
4
7
7. Undershoot is defined as the absolute value of the minimum voltage.
VRBM
Ringback Margin
0.200
N/A
N/A
V
4
8
8. Ringback Margin is defined as the absolute voltage difference between the maximum Rising Edge Ringback
and the maximum Falling Edge Ringback.
VTM
Threshold Region
VCROSS – 0.100
N/A
VCROSS + 0.100
V
4
9
9. Threshold Region is defined as a region entered around the crossing point voltage in which the differential
receiver switches. It includes input threshold hysteresis.
Figure 7.
Differential Clock Crosspoint Specification
660 670 680 690 700 710 720 730 740 750 760 770 780 790 800 810 820 830 840 850
200
250
300
350
400
450
500
550
600
650
VHavg (mV)
550 mV
250 mV
250 + 0.5 (VHavg - 700)
550 + 0.5 (VHavg - 700)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com