Electronic Components Datasheet Search
  English  ▼

X  

E6000 Datasheet(PDF) 52 Page - Intel Corporation

Part # E6000
Description  Core2 Extreme Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E6000 Datasheet(HTML) 52 Page - Intel Corporation

Back Button E6000 Datasheet HTML 48Page - Intel Corporation E6000 Datasheet HTML 49Page - Intel Corporation E6000 Datasheet HTML 50Page - Intel Corporation E6000 Datasheet HTML 51Page - Intel Corporation E6000 Datasheet HTML 52Page - Intel Corporation E6000 Datasheet HTML 53Page - Intel Corporation E6000 Datasheet HTML 54Page - Intel Corporation E6000 Datasheet HTML 55Page - Intel Corporation E6000 Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 122 page
background image
Land Listing and Signal Descriptions
52
Datasheet
FC33
H16
Power/Other
FC34
J17
Power/Other
FC35
H4
Power/Other
FC36
AD3
Power/Other
FC37
AB3
Power/Other
FC38
G10
Power/Other
FC38
C9
Power/Other
FC39
AA2
Power/Other
FC40
AM6
Power/Other
FERR#/PBE#
R3
Asynch CMOS
Output
GTLREF0
H1
Power/Other
Input
GTLREF1
H2
Power/Other
Input
HIT#
D4
Common Clock Input/Output
HITM#
E4
Common Clock Input/Output
IERR#
AB2
Asynch CMOS
Output
IGNNE#
N2
Asynch CMOS
Input
INIT#
P3
Asynch CMOS
Input
ITP_CLK0
AK3
TAP
Input
ITP_CLK1
AJ3
TAP
Input
LINT0
K1
Asynch CMOS
Input
LINT1
L1
Asynch CMOS
Input
LOCK#
C3
Common Clock Input/Output
MSID0
W1
Power/Other
Output
MSID1
V1
Power/Other
Output
PECI
G5
Power/Other Input/Output
PROCHOT#
AL2
Asynch CMOS Input/Output
PWRGOOD
N1
Power/Other
Input
REQ0#
K4
Source Synch Input/Output
REQ1#
J5
Source Synch Input/Output
REQ2#
M6
Source Synch Input/Output
REQ3#
K6
Source Synch Input/Output
REQ4#
J6
Source Synch Input/Output
RESERVED
A20
RESERVED
AC4
RESERVED
AE4
RESERVED
AE6
RESERVED
AH2
RESERVED
D1
RESERVED
D14
Table 24.
Alphabetical Land
Assignments
Land Name
Land
#
Signal Buffer
Type
Direction
RESERVED
D16
RESERVED
E23
RESERVED
E6
RESERVED
E7
RESERVED
F23
RESERVED
F29
RESERVED
G6
RESERVED
N4
RESERVED
N5
RESERVED
P5
RESERVED
V2
RESET#
G23 Common Clock
Input
RS0#
B3
Common Clock
Input
RS1#
F5
Common Clock
Input
RS2#
A3
Common Clock
Input
SKTOCC#
AE8
Power/Other
Output
SMI#
P2
Asynch CMOS
Input
STPCLK#
M3
Asynch CMOS
Input
TCK
AE1
TAP
Input
TDI
AD1
TAP
Input
TDO
AF1
TAP
Output
TESTHI0
F26
Power/Other
Input
TESTHI1
W3
Power/Other
Input
TESTHI10
H5
Power/Other
Input
TESTHI11
P1
Power/Other
Input
TESTHI12/
FC44
W2
Power/Other
Input
TESTHI13
L2
Power/Other
Input
TESTHI2
F25
Power/Other
Input
TESTHI3
G25
Power/Other
Input
TESTHI4
G27
Power/Other
Input
TESTHI5
G26
Power/Other
Input
TESTHI6
G24
Power/Other
Input
TESTHI7
F24
Power/Other
Input
TESTHI8/FC42
G3
Power/Other
Input
TESTHI9/FC43
G4
Power/Other
Input
THERMDA
AL1
Power/Other
THERMDC
AK1
Power/Other
THERMTRIP#
M2
Asynch CMOS
Output
TMS
AC1
TAP
Input
Table 24.
Alphabetical Land
Assignments
Land Name
Land
#
Signal Buffer
Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com