Electronic Components Datasheet Search
  English  ▼

X  

E6000 Datasheet(PDF) 98 Page - Intel Corporation

Part # E6000
Description  Core2 Extreme Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E6000 Datasheet(HTML) 98 Page - Intel Corporation

Back Button E6000 Datasheet HTML 94Page - Intel Corporation E6000 Datasheet HTML 95Page - Intel Corporation E6000 Datasheet HTML 96Page - Intel Corporation E6000 Datasheet HTML 97Page - Intel Corporation E6000 Datasheet HTML 98Page - Intel Corporation E6000 Datasheet HTML 99Page - Intel Corporation E6000 Datasheet HTML 100Page - Intel Corporation E6000 Datasheet HTML 101Page - Intel Corporation E6000 Datasheet HTML 102Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 122 page
background image
Features
98
Datasheet
6.2.3.2
Extended Stop Grant State
Extended Stop Grant is a low power state entered when the STPCLK# signal is asserted
and Extended Stop Grant has been enabled via the BIOS.
The processor will automatically transition to a lower frequency and voltage operating
point before entering the Extended Stop Grant state. When entering the low power
state, the processor will first switch to the lower bus ratio and then transition to the
lower VID.
The processor exits the Extended Stop Grant state when a break event occurs. When
the processor exits the Extended Stop Grant state, it will resume operation at the lower
frequency, transition the VID to the original value, and then change the bus ratio back
to the original value.
6.2.4
Extended HALT State, HALT Snoop State, Extended Stop
Grant Snoop State, and Stop Grant Snoop State
The Extended HALT Snoop State is used in conjunction with the new Extended HALT
state. If Extended HALT state is not enabled in the BIOS, the default Snoop State
entered will be the HALT Snoop State. Refer to the following sections for details on
HALT Snoop State, Stop Grant Snoop State and Extended HALT Snoop State, and
Extended Stop Grant Snoop State.
6.2.4.1
HALT Snoop State, Stop Grant Snoop State
The processor will respond to snoop transactions on the FSB while in Stop Grant state
or in HALT Power Down state. During a snoop transaction, the processor enters the
HALT Snoop State:Stop Grant Snoop state. The processor will stay in this state until the
snoop on the FSB has been serviced (whether by the processor or another agent on the
FSB). After the snoop is serviced, the processor returns to the Stop Grant state or HALT
Power Down state, as appropriate.
6.2.4.2
Extended HALT Snoop State, Extended Stop Grant Snoop State
The processor will remain in the lower bus ratio and VID operating point of the
Extended HALT state or Extended Stop Grant state. While in the Extended HALT Snoop
State or Extended Stop Grant Snoop State, snoops are handled the same way as in the
HALT Snoop State or Stop Grant Snoop State. After the snoop is serviced, the
processor will return to the Extended HALT state or Extended Stop Grant state.
6.3
Enhanced Intel® SpeedStep® Technology
The processor supports Enhanced Intel SpeedStep® Technology. This technology
enables the processor to switch between multiple frequency and voltage points, which
results in platform power savings. Enhanced Intel SpeedStep Technology requires
support for dynamic VID transitions in the platform. Switching between voltage/
frequency states is software controlled.
Note:
Not all processors are capable of supporting Enhanced Intel SpeedStep® Technology.
More details on which processor frequencies support this feature is provided in the
Intel® Core™2 Duo Desktop Processor E6000 and E4000 Sequence and Intel® Core™2
Extreme Processor X6800 Specification Update.
Enhanced Intel SpeedStep® Technology creates processor performance states (P-
states) or voltage/frequency operating points. P-states are lower power capability
states within the Normal state as shown in Figure 30. Enhanced Intel SpeedStep®
Technology enables real-time dynamic switching between frequency and voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com