Electronic Components Datasheet Search
  English  ▼

X  

E6000 Datasheet(PDF) 24 Page - Intel Corporation

Part # E6000
Description  Core2 Extreme Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E6000 Datasheet(HTML) 24 Page - Intel Corporation

Back Button E6000 Datasheet HTML 20Page - Intel Corporation E6000 Datasheet HTML 21Page - Intel Corporation E6000 Datasheet HTML 22Page - Intel Corporation E6000 Datasheet HTML 23Page - Intel Corporation E6000 Datasheet HTML 24Page - Intel Corporation E6000 Datasheet HTML 25Page - Intel Corporation E6000 Datasheet HTML 26Page - Intel Corporation E6000 Datasheet HTML 27Page - Intel Corporation E6000 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 122 page
background image
Electrical Specifications
24
Datasheet
Table 7.
VCC Static and Transient Tolerance for Processors with 2 MB L2 Cache
ICC (A)
Voltage Deviation from VID Setting (V)1, 2, 3, 4
NOTES:
1. The loadline specification includes both static and transient limits except for overshoot allowed
as shown in Section 2.6.3.
2. This table is intended to aid in reading discrete points on Figure 2.
3. The loadlines specify voltage limits at the die measured at the VCC_SENSE and VSS_SENSE
lands. Voltage regulation feedback for voltage regulator circuits must be taken from processor
VCC and VSS lands. Refer to the Voltage Regulator-Down (VRD) 11.0 Processor Power Delivery
Design Guidelines For Desktop LGA775 Socket for socket loadline guidelines and VR
implementation details.
4. Adherence to this loadline specification is required to ensure reliable processor operation.
Maximum Voltage
1.40 mΩ
Typical Voltage
1.53 mΩ
Minimum Voltage
1.65 mΩ
0
0.000
-0.019
-0.038
5
-0.007
-0.027
-0.046
10
-0.014
-0.034
-0.055
15
-0.021
-0.042
-0.063
20
-0.028
-0.050
-0.071
25
-0.035
-0.057
-0.079
30
-0.042
-0.065
-0.088
35
-0.049
-0.072
-0.096
40
-0.056
-0.080
-0.104
45
-0.063
-0.088
-0.112
50
-0.070
-0.095
-0.121
55
-0.077
-0.103
-0.129
60
-0.084
-0.111
-0.137
65
-0.091
-0.118
-0.145
70
-0.098
-0.126
-0.154
75
-0.105
-0.133
-0.162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com