Electronic Components Datasheet Search
  English  ▼

X  

E6000 Datasheet(PDF) 20 Page - Intel Corporation

Part # E6000
Description  Core2 Extreme Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E6000 Datasheet(HTML) 20 Page - Intel Corporation

Back Button E6000 Datasheet HTML 16Page - Intel Corporation E6000 Datasheet HTML 17Page - Intel Corporation E6000 Datasheet HTML 18Page - Intel Corporation E6000 Datasheet HTML 19Page - Intel Corporation E6000 Datasheet HTML 20Page - Intel Corporation E6000 Datasheet HTML 21Page - Intel Corporation E6000 Datasheet HTML 22Page - Intel Corporation E6000 Datasheet HTML 23Page - Intel Corporation E6000 Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 122 page
background image
Electrical Specifications
20
Datasheet
2.6.2
DC Voltage and Current Specification
Table 4.
Absolute Maximum and Minimum Ratings
Symbol
Parameter
Min
Max
Unit
Notes1, 2
NOTES:
1. For functional operation, all processor electrical, signal quality, mechanical and thermal
specifications must be satisfied.
2. Excessive overshoot or undershoot on any signal will likely result in permanent damage to the
processor.
VCC
Core voltage with respect to VSS
–0.3
1.55
V
-
VTT
FSB termination voltage with
respect to VSS
–0.3
1.55
V
-
T
C
Processor case temperature
See
Chapter 5
See
Chapter 5
°C
-
TSTORAGE
Processor storage temperature
–40
85
°C
3, 4, 5
3. Storage temperature is applicable to storage conditions only. In this scenario, the processor must
not receive a clock, and no lands can be connected to a voltage bias. Storage within these limits
will not affect the long-term reliability of the device. For functional operation, refer to the
processor case temperature specifications.
4. This rating applies to the processor and does not include any tray or packaging.
5. Failure to adhere to this specification can affect the long term reliability of the processor.
Table 5.
Voltage and Current Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes1, 2
VID Range
VID
0.8500
—
1.5
V
3
VCC
Processor Number
(4 MB L2 Cache)
E6850
E6750
E6700
E6600
E6550
E6540
E6420
E6320
VCC for
775_VR_CONFIG_06
3.00 GHz
2.66 GHz
2.66 GHz
2.40 GHz
2.33 GHz
2.33 GHz
2.13 GHz
1.86 GHz
Refer to Table 6 and
Figure 1
V
4, 5, 6
Processor Number
(4 MB L2 Cache)
X6800
VCC for
775_VR_CONFIG_05B
2.93 GHz
Processor Number
(2 MB L2 Cache)
E6400
E6300
E4600,
E4500
E4400
E4300
VCC for
775_VR_CONFIG_06
2.13 GHz
1.86 GHz
2.40 GHz
2.20 GHz
2.00 GHz
1.80 GHz
Refer to Table 7 and
Figure 2
VCC_BOOT
Default VCC voltage for initial power up
—
1.10
—
V
VCCPLL
PLL VCC
- 5%
1.50
+ 5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com