Electronic Components Datasheet Search
  English  ▼

X  

E6000 Datasheet(PDF) 9 Page - Intel Corporation

Part # E6000
Description  Core2 Extreme Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E6000 Datasheet(HTML) 9 Page - Intel Corporation

Back Button E6000 Datasheet HTML 5Page - Intel Corporation E6000 Datasheet HTML 6Page - Intel Corporation E6000 Datasheet HTML 7Page - Intel Corporation E6000 Datasheet HTML 8Page - Intel Corporation E6000 Datasheet HTML 9Page - Intel Corporation E6000 Datasheet HTML 10Page - Intel Corporation E6000 Datasheet HTML 11Page - Intel Corporation E6000 Datasheet HTML 12Page - Intel Corporation E6000 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 122 page
background image
Datasheet
9
Intel® Core™2 Extreme Processor
X6800 and Intel® Core™2 Duo
Desktop Processor E6000 and
E4000 Sequence Features
The Intel Core™2 Extreme processor X6800 and Intel® Core™2 Duo desktop processor E6000, E4000
sequence deliver Intel's advanced, powerful processors for desktop PCs. The processor is designed to
deliver performance across applications and usages where end-users can truly appreciate and
experience the performance. These applications include Internet audio and streaming video, image
processing, video content creation, speech, 3D, CAD, games, multimedia, and multitasking user
environments.
Intel® 64 architecture enables the processor to execute operating systems and applications written to
take advantage of the Intel 64 architecture. The processor supporting Enhanced Intel SpeedStep®
technology allows tradeoffs to be made between performance and power consumption.
The Intel Core™2 Extreme processor X6800 and Intel® Core™2 Duo desktop processor E6000, E4000
sequence also include the Execute Disable Bit capability. This feature, combined with a supported
operating system, allows memory to be marked as executable or non-executable.
The Intel Core™2 Extreme processor X6800 and Intel® Core™2 Duo desktop processor E6000
sequence support Intel® Virtualization Technology. Virtualization Technology provides silicon-based
functionality that works together with compatible Virtual Machine Monitor (VMM) software to improve
on software-only solutions.
The Intel Core™2 Duo desktop processors E6850, E6750, and E6550 support Intel® Trusted
Execution Technology (Intel® TXT). Intel® Trusted Execution Technology (Intel® TXT) is a security
technology.
• Available at 2.93 GHz (Intel Core™2 Extreme
processor X6800 only)
• Available at 3.00 GHz, 2.66 GHz, 2.40 GHz,
2.33 GHz, 2.13 GHz, and 1.86 GHz (Intel Core™2
Duo desktop processor E6850, E6750, E6700,
E6600, E6540, E6540, E6420, E6400, E6320, and
E6300 only)
• Available at 2.40 GHz, 2.20 GHz, 2.00 GHz, and
1.80 GHz and (Intel Core™2 Duo desktop processor
E4600, E4500, E4400, and E4300 only)
• Enhanced Intel SpeedStep® Technology
• Supports Intel® 64 architecture
• Supports Intel® Virtualization Technology (Intel
Core™2 Extreme processor X6800 and Intel
Core™2 Duo desktop processor E6000 sequence
only)
• Supports Execute Disable Bit capability
• Supports Intel® Trusted Execution Technology
(Intel® TXT) (Intel Core2 Duo desktop processors
E6850, E6750, and E6550 only)
• FSB frequency at 1333 MHz (Intel Core2 Duo
desktop processors E6850, E6750, E6550, and
E6540 only)
• FSB frequency at 1066 MHz (Intel Core™2 Extreme
processor X6800 and Intel Core™2 Duo desktop
processor E6700, E6600, E6420, E6400, E6320,
and E6300 only)
• FSB frequency at 800 MHz (Intel Core™2 Duo
desktop processor E4000 sequence only)
• Binary compatible with applications running on
previous members of the Intel microprocessor line
• Advance Dynamic Execution
• Very deep out-of-order execution
• Enhanced branch prediction
• Optimized for 32-bit applications running on
advanced 32-bit operating systems
• Two 32-KB Level 1 data caches
•4 MB Intel® Advanced Smart Cache (Intel Core™2
Extreme processor X6800 and Intel Core™2 Duo
desktop processor E6850, E6750, E6700, E6540,
E6540, E6600, E6420, and E6320, only)
•2 MB Intel® Advanced Smart Cache (Intel Core™2
Duo desktop processor E6400, E6300, E4600,
E4500, E4400, and E4300 only)
•Intel® Advanced Digital Media Boost
• Enhanced floating point and multimedia unit for
enhanced video, audio, encryption, and 3D
performance
• Power Management capabilities
• System Management mode
• Multiple low-power states
• 8-way cache associativity provides improved cache
hit rate on load/store operations
• 775-land Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com