Electronic Components Datasheet Search
  English  ▼

X  

E6000 Datasheet(PDF) 95 Page - Intel Corporation

Part # E6000
Description  Core2 Extreme Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E6000 Datasheet(HTML) 95 Page - Intel Corporation

Back Button E6000 Datasheet HTML 91Page - Intel Corporation E6000 Datasheet HTML 92Page - Intel Corporation E6000 Datasheet HTML 93Page - Intel Corporation E6000 Datasheet HTML 94Page - Intel Corporation E6000 Datasheet HTML 95Page - Intel Corporation E6000 Datasheet HTML 96Page - Intel Corporation E6000 Datasheet HTML 97Page - Intel Corporation E6000 Datasheet HTML 98Page - Intel Corporation E6000 Datasheet HTML 99Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 122 page
background image
Datasheet
95
Features
6
Features
6.1
Power-On Configuration Options
Several configuration options can be configured by hardware. The processor samples
the hardware configuration at reset, on the active-to-inactive transition of RESET#. For
specifications on these options, refer to Table 37.
The sampled information configures the processor for subsequent operation. These
configuration options cannot be changed except by another reset. All resets reconfigure
the processor; for reset purposes, the processor does not distinguish between a
"warm" reset and a "power-on" reset.
6.2
Clock Control and Low Power States
The processor allows the use of AutoHALT and Stop Grant states to reduce power
consumption by stopping the clock to internal sections of the processor, depending on
each particular state. See Figure 30 for a visual representation of the processor low
power states.
Table 37.
Power-On Configuration Option Signals
Configuration Option
Signal1,2,3
NOTES:
1. Asserting this signal during RESET# will select the corresponding option.
2.
Address signals not identified in this table as configuration options should not
be asserted during RESET#.
3.
Disabling of any of the cores within the processor must be handled by
configuring the EXT_CONFIG Model Specific Register (MSR). This MSR will allow
for the disabling of a single core.
Output tristate
SMI#
Execute BIST
A3#
Disable dynamic bus parking
A25#
Symmetric agent arbitration ID
BR0#
RESERVED
A[8:5]#, A[24:11]#, A[35:26]#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com