Electronic Components Datasheet Search
  English  ▼

X  

E6000 Datasheet(PDF) 101 Page - Intel Corporation

Part # E6000
Description  Core2 Extreme Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E6000 Datasheet(HTML) 101 Page - Intel Corporation

Back Button E6000 Datasheet HTML 97Page - Intel Corporation E6000 Datasheet HTML 98Page - Intel Corporation E6000 Datasheet HTML 99Page - Intel Corporation E6000 Datasheet HTML 100Page - Intel Corporation E6000 Datasheet HTML 101Page - Intel Corporation E6000 Datasheet HTML 102Page - Intel Corporation E6000 Datasheet HTML 103Page - Intel Corporation E6000 Datasheet HTML 104Page - Intel Corporation E6000 Datasheet HTML 105Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 122 page
background image
Datasheet
101
Boxed Processor Specifications
7
Boxed Processor Specifications
The processor is also offered as an Intel boxed processor. Intel boxed processors are
intended for system integrators who build systems from baseboards and standard
components. The boxed processor will be supplied with a cooling solution. This chapter
documents baseboard and system requirements for the cooling solution that will be
supplied with the boxed processor. This chapter is particularly important for OEMs that
manufacture baseboards for system integrators. Figure 31 shows a mechanical
representation of a boxed processor.
Note:
Unless otherwise noted, all figures in this chapter are dimensioned in millimeters and
inches [in brackets].
Note:
Drawings in this section reflect only the specifications on the Intel boxed processor
product. These dimensions should not be used as a generic keep-out zone for all
cooling solutions. It is the system designers’ responsibility to consider their proprietary
cooling solution when designing to the required keep-out zone on their system
platforms and chassis. Refer to the appropriate Thermal and Mechanical Design
Guidelines (see Section 1.2) for further guidance.
NOTE: The airflow of the fan heatsink is into the center and out of the sides of the fan heatsink.
Figure 31.
Mechanical Representation of the Boxed Processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com